Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8349ACBZ-R7 Datasheet(PDF) 28 Page - Analog Devices

Part # LT8349ACBZ-R7
Description  8V, 12A, 2-Phase Low IQ Synchronous Boost Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8349ACBZ-R7 Datasheet(HTML) 28 Page - Analog Devices

Back Button LT8349ACBZ-R7 Datasheet HTML 21Page - Analog Devices LT8349ACBZ-R7 Datasheet HTML 22Page - Analog Devices LT8349ACBZ-R7 Datasheet HTML 23Page - Analog Devices LT8349ACBZ-R7 Datasheet HTML 24Page - Analog Devices LT8349ACBZ-R7 Datasheet HTML 25Page - Analog Devices LT8349ACBZ-R7 Datasheet HTML 26Page - Analog Devices LT8349ACBZ-R7 Datasheet HTML 27Page - Analog Devices LT8349ACBZ-R7 Datasheet HTML 28Page - Analog Devices LT8349ACBZ-R7 Datasheet HTML 29Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
Data Sheet
LT8349
analog.com
Rev B
28 of 29
Related Parts
PART NUMBER
DESCRIPTION
COMMENTS
LT8336
40V, 2.5A, Low IQ Synchronous Step-Up Silent
Switcher
VIN= 2.7V to 40V, VOUT(MAX)= 40V, IQ = 4μA (Burst
Mode Operation), 3mm × 3mm LQFN Package
LT8337/LT8337-1 28V, 5A, Low IQ Synchronous Step-Up Silent
Switcher
VIN = 2.7V to 28V, VOUT(MAX)= 28V, IQ = 4μA (Burst
Mode Operation), 3mm × 3mm LQFN Package
LTC3421
3A, 3MHz, Synchronous Step-Up DC/DC
Converter with Output Disconnect
95% Efficiency, VIN = 0.5V to 4.5V, VOUT(MAX)=
5.25V, IQ= 12μA, ISD < 1μA, QFN24 Package
LTC3428
4A, 2MHz (1MHz Switching), Dual Phase Step-
Up DC/DC Converter
92% Efficiency, VIN = 1.6V to 4.5V, VOUT(MAX)=
5.25V,
ISD < 1μA, 3mm × 3mm DFN Package
LTC3425
5A, 8MHz, Low Ripple, 4-Phase Synchronous
Step-Up DC/DC Converter with Output
Disconnect
95% Efficiency, VIN= 0.5V to 4.5V, VOUT (MAX) =
5.25V, IQ= 12μA, ISD < 1μA, QFN32 Package
LTC3124
15V, 5A 2-Phase Synchronous Step-Up DC/DC
Converter with Output Disconnect
VIN= 1.8V to 5.5V, VOUT(MAX)= 15V, IQ= 25μA (Burst
Mode Operation), 3mm × 5mm DFN and TSSOP
Package
ORDERING GUIDE
Table 5. Ordering Guide
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT8349ACBZ-R7
8349
35-Ball (1.845mm ×
2.545mm) WLCSP
−40°C to 125°C
Consult the factory for parts specified with wider operating temperature ranges. *The temperature grade is
identified by a label on the shipping container.
Tape and reel specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com