Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8349ACBZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # LT8349ACBZ-R7
Description  8V, 12A, 2-Phase Low IQ Synchronous Boost Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8349ACBZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button LT8349ACBZ-R7 Datasheet HTML 6Page - Analog Devices LT8349ACBZ-R7 Datasheet HTML 7Page - Analog Devices LT8349ACBZ-R7 Datasheet HTML 8Page - Analog Devices LT8349ACBZ-R7 Datasheet HTML 9Page - Analog Devices LT8349ACBZ-R7 Datasheet HTML 10Page - Analog Devices LT8349ACBZ-R7 Datasheet HTML 11Page - Analog Devices LT8349ACBZ-R7 Datasheet HTML 12Page - Analog Devices LT8349ACBZ-R7 Datasheet HTML 13Page - Analog Devices LT8349ACBZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Data Sheet
LT8349
analog.com
Rev B
10 of 29
Figure 10.Switching Frequency vs Temperature
Figure 11.Switching Frequency with Spread Spectrum
Modulation
Figure 12.Bottom Switch Current Limit vs Temperature
(Both channels)
Figure 13.Bottom Switch Min. On/Off Times vs Temperature
(Both Channels)
Figure 14.Switching Waveforms, Heavy Load 2-Phase
Operation (Reference to Page 26 Circuit)
Figure 15.Switching Waveforms, Light Load 1-Phase Burst
Mode Operation (Reference to Page 26 Circuit)
RT = 54.9kΩ
SYNC/MODE = OPEN
TEMPERATURE (C°)
–50
–25
0
25
50
75
100
125
1.90
1.92
1.94
1.96
1.98
2.00
2.02
2.04
2.06
2.08
2.10
SYNC/MODE = VIN
TIME (µs)
0
50
100
150
200
250
300
350
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
R T = 54.9kΩ
TEMPERATURE (C°)
–50
–25
0
25
50
75
100
125
6.0
6.2
6.4
6.6
6.8
7.0
7.2
7.4
MIN ON-TIME
MIN OFF-TIME
TEMPERATURE (C°)
–50
–25
0
25
50
75
100
125
0
10
20
30
40
50
60
70
80
90
100
VIN = 3.7V
ILOAD = 4A
200ns/DIV
VSW2
10V/DIV
VSW1
10V/DIV
IL2
4A/DIV
IL1
4A/DIV
VIN = 3.7V
ILOAD = 0.1A
1µs/DIV
IL1
1A/DIV
VSW1
2V/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com