Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8349ACBZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # LT8349ACBZ-R7
Description  8V, 12A, 2-Phase Low IQ Synchronous Boost Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8349ACBZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button LT8349ACBZ-R7 Datasheet HTML 2Page - Analog Devices LT8349ACBZ-R7 Datasheet HTML 3Page - Analog Devices LT8349ACBZ-R7 Datasheet HTML 4Page - Analog Devices LT8349ACBZ-R7 Datasheet HTML 5Page - Analog Devices LT8349ACBZ-R7 Datasheet HTML 6Page - Analog Devices LT8349ACBZ-R7 Datasheet HTML 7Page - Analog Devices LT8349ACBZ-R7 Datasheet HTML 8Page - Analog Devices LT8349ACBZ-R7 Datasheet HTML 9Page - Analog Devices LT8349ACBZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Data Sheet
LT8349
analog.com
Rev B
6 of 29
ABSOLUTE MAXIMUM RATINGS
Table 2. Absolute Maximum Ratings
PARAMETER
RATING
VIN, EN/UVLO, SYNC/MODE, FB, ISET
−0.3V to 6V
VOUT
−0.3V to 10V
VC
−0.3V to 3V
Operating Junction Temperature Range 1, 2
−40°C to 125°C
Storage Temperature Range
−65°C to 150°C
.
1
LT8349 is specified over the −40°C to 125°C operating junction temperature range. High Junction temperatures
degrade operating lifetimes. Note the maximum ambient temperature consistent with these specifications is
determined by specific operating conditions in conjunction with board layout, the rated package thermal
impedance and other environmental factors.
2
The LT8349 includes overtemperature protection that is intended to protect the device during momentary
overload conditions. Junction temperature will exceed 150°C when overtemperature protection is active.
Continuous operation above the specified absolute maximum operating junction temperature may impair
device reliability.
3
The LT8349 is tested in a feedback loop which servos VC pin voltage to a specified voltage and measures the
resultant FB pin voltage.
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These
are stress ratings only, functional operation of the product at these or any other conditions above those indicated in
the operational section of this specification is not implied. Operation beyond the maximum operating conditions for
extended periods may affect product reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com