Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8349ACBZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # LT8349ACBZ-R7
Description  8V, 12A, 2-Phase Low IQ Synchronous Boost Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8349ACBZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button LT8349ACBZ-R7 Datasheet HTML 15Page - Analog Devices LT8349ACBZ-R7 Datasheet HTML 16Page - Analog Devices LT8349ACBZ-R7 Datasheet HTML 17Page - Analog Devices LT8349ACBZ-R7 Datasheet HTML 18Page - Analog Devices LT8349ACBZ-R7 Datasheet HTML 19Page - Analog Devices LT8349ACBZ-R7 Datasheet HTML 20Page - Analog Devices LT8349ACBZ-R7 Datasheet HTML 21Page - Analog Devices LT8349ACBZ-R7 Datasheet HTML 22Page - Analog Devices LT8349ACBZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
Data Sheet
LT8349
analog.com
Rev B
19 of 29
Spread Spectrum Frequency Modulation
The LT8349 features spread spectrum frequency modulation to further reduce EMI emissions. The user can select
spread spectrum frequency modulation with Burst Mode operation by connecting the SYNC/MODE pin to ground
through a 50k resistor or spread spectrum frequency modulation with FCM operation by connecting the SYNC/MODE
pin to VIN pin. When spectrum frequency modulation is selected, a stepped triangular frequency modulation is used
to vary the internal oscillator frequency between the value programmed by the RTresistor to approximately 25% (at
Fsw_set = 2MHz) higher than that value. Figure 28 shows spread spectrum depth (typ) variation with switching
frequency. The modulation frequency is approximately 0.45% of the switching frequency. For example, when the
LT8349 is programmed to 2MHz, and spread spectrum frequency modulation is selected, the oscillator frequency
varies from 2MHz to 2.5MHz at a 9kHz rate (see Oscillator Frequency with Spread Spectrum Modulation curve in the
Typical Performance Characteristics section). When operating at light load, the spread spectrum frequency
modulation is more effective in FCM mode than in Burst Mode operation, due to the fact that FCM operation
maintains the programmed switching frequency across entire load current range.
Figure 28. SSFM Range as Percentage of Fsw (typ) vs. Switching Frequency
FB Resistor Network and the Quiescent Current at No Load
The output voltage is programmed with a resistor divider between the output and the FB pin. Choose the resistor
values according to the following equation:
R1 = R2 • (
VOUT
1V
− 1)
Reference designators refer to Block Diagram. The 1% resistors are recommended to maintain output voltage
accuracy. If low input quiescent current and good light-load efficiency are desired, use large resistor values for the
FB resistor divider. The current flowing in the divider acts as a load current and will increase the no load input current
to the converter. The LT8349 converter Burst Mode quiescent current at no load can be estimated using the following
Equation:
IQ ≈ 15μA + (
VOUT
R1 + R2
+ 1μA) •
VOUT
VIN
• 3
where 15µA is the VIN pin quiescent current of the LT8349, and the second term is the current drawn by the feedback
divider and VOUT pin (1µA) reflected to the input of the boost operating. For a 3.7V input, 6V output boost converter
with R1 = 1MΩ and R2 = 200kΩ, it can be calculated that the LT8349 converter draws approximately 45µA from the
supply at no load.
SWITCHING FREQUENCY (MHz)
0.3
1
4
0
5
10
15
20
25
30
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com