Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8349ACBZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # LT8349ACBZ-R7
Description  8V, 12A, 2-Phase Low IQ Synchronous Boost Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8349ACBZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button LT8349ACBZ-R7 Datasheet HTML 19Page - Analog Devices LT8349ACBZ-R7 Datasheet HTML 20Page - Analog Devices LT8349ACBZ-R7 Datasheet HTML 21Page - Analog Devices LT8349ACBZ-R7 Datasheet HTML 22Page - Analog Devices LT8349ACBZ-R7 Datasheet HTML 23Page - Analog Devices LT8349ACBZ-R7 Datasheet HTML 24Page - Analog Devices LT8349ACBZ-R7 Datasheet HTML 25Page - Analog Devices LT8349ACBZ-R7 Datasheet HTML 26Page - Analog Devices LT8349ACBZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
Data Sheet
LT8349
analog.com
Rev B
23 of 29
Figure 31. Simplified Model for Loop Response
Board Layout
The LT8349 is specifically designed to minimize the electromagnetic interference (EMI) emissions and to maximize
efficiency when switching at high frequencies. Figure 32 shows a recommended PCB layout (simplified) for LT8349
(circuits connected SYNC, EN, and ISET are not shown). For more detail and PCB design files refer to the evaluation
board user guide for the LT8349.
To prevent radiation and high frequency resonance problems, proper layout of the components connected to the IC
is essential, especially the power paths with higher di/dt. Refer to Figure 32, the following high di/dt loops should be
kept as tight as possible to reduce inductive ringing and EMI emissions.
The high di/dt loop of channel 1 is formed by the positive terminal of COUT1, LT8349’s (C-G)1 pins, LT8349’s PGND
pins, and the negative terminal of COUT1.
The high di/dt loop of channel 2 is formed by the positive terminal of COUT2, LT8349’s (C-G)4 pins, LT8349’s PGND
pins, and the negative terminal of COUT2.
COUT
R1
C1
R2
CIN
RC
CC
CC2
1MΩ
L1
L2
CURRENT-MODE
POWER STAGE 1
VC
FB
VOUT
CURRENT-MODE
POWER STAGE 2
VC
INPUT
gm = 0.4mS
gm1 = 6S × (1 – D)
1V
VC
gm2 = 6S × (1 – D)
IOUT1
IOUT2
LT8349
IVC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com