Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8349ACBZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # LT8349ACBZ-R7
Description  8V, 12A, 2-Phase Low IQ Synchronous Boost Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8349ACBZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button LT8349ACBZ-R7 Datasheet HTML 16Page - Analog Devices LT8349ACBZ-R7 Datasheet HTML 17Page - Analog Devices LT8349ACBZ-R7 Datasheet HTML 18Page - Analog Devices LT8349ACBZ-R7 Datasheet HTML 19Page - Analog Devices LT8349ACBZ-R7 Datasheet HTML 20Page - Analog Devices LT8349ACBZ-R7 Datasheet HTML 21Page - Analog Devices LT8349ACBZ-R7 Datasheet HTML 22Page - Analog Devices LT8349ACBZ-R7 Datasheet HTML 23Page - Analog Devices LT8349ACBZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
Data Sheet
LT8349
analog.com
Rev B
20 of 29
When using large FB resistors, a 4.7pF to 22pF phase-lead capacitor should be connected from VOUT to FB, and a
careful evaluation of system stability should be made to ensure adequate design margin.
Overvoltage Lockout
The VOUT pin voltage is constantly monitored by the LT8349. An overvoltage condition occurs when VOUT pin voltage
exceeds approximately 9V. Switching is stopped at such condition. Normal switching is resumed when the VOUT pin
voltage drops back to 8.9V or lower.
Start-Up
To limit the peak switch current and VOUTovershoot during start-up, the LT8349 contains internal circuitry to provide
soft-start operation (refer to the error amplifier EA in Block Diagram). During start-up, the internal soft-start circuity
slowly ramps the internal SS signal from zero to 1V. When the SS voltage falls between the FB initial voltage and 1V,
the LT8349 regulates the FB pin voltage to the SS voltage instead of 1V. In this way the output capacitor is charged
gradually towards its final value while limiting the start-up peak switch currents.
Referring to Figure 29, the start-up time TSTART_UP is the time period from EN/UVLO transitioning high to VOUT having
reached 90% of its regulation voltage programmed by FB resistor network. TSTART_UP is approximately given by
Equation:
TSTART_UP ≈ 0.15ms +
3.6V
VIN − 0.1V
•
2100
fSW
The LT8349 selects fixed frequency operaton with no spread spectrum frequency modulation during startup, and the
SYNC/MODE pin configuration is ignored.
Figure 29.Typical Start-Up Waveforms
If the LT8349 boost converter is plugged into a live supply, the VOUT could ring to twice the voltage of VIN, due to the
resonant circuit composed by L1, L2, COUT, and the body diode of M2 and M4 (refer to Block Diagram). If such over-
shoot exceeds the VOUT rating, it must be limited to protect the load and the converter. For these situations, a small
Schottky diode or silicon diode can be connected between VIN and VOUT to deactivate the resonant circuit and limit
the VOUT over-shoot as shown in Figure 30. With the diode connected, the boost is also more robust against output
fault conditions such as output short circuit or overload, due to the fact that the diode diverts a great amount of
output current from the IC. D should be rated for short circuit current of VIN source, example - the current limit of the
input side battery or voltage source.
VIN = 3.7V
tSTART_UP
500µs/DIV
EN/UVLO
2V/DIV
VOUT
2V/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com