Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8349ACBZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # LT8349ACBZ-R7
Description  8V, 12A, 2-Phase Low IQ Synchronous Boost Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8349ACBZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button LT8349ACBZ-R7 Datasheet HTML 4Page - Analog Devices LT8349ACBZ-R7 Datasheet HTML 5Page - Analog Devices LT8349ACBZ-R7 Datasheet HTML 6Page - Analog Devices LT8349ACBZ-R7 Datasheet HTML 7Page - Analog Devices LT8349ACBZ-R7 Datasheet HTML 8Page - Analog Devices LT8349ACBZ-R7 Datasheet HTML 9Page - Analog Devices LT8349ACBZ-R7 Datasheet HTML 10Page - Analog Devices LT8349ACBZ-R7 Datasheet HTML 11Page - Analog Devices LT8349ACBZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Data Sheet
LT8349
analog.com
Rev B
8 of 29
Forced Continuous = allowing negative inductor current. Not skipping pulse(s) (aligned
to clock), fixed switching frequency.
Sync = switching frequency synchronized to half of the SYNC clock frequency.
SSFM = Spread Spectrum Frequency Modulation for low EMI
SYNC/MODE Pin Input
Capable Mode(s) of Operations
SGND or <0.1V
Burst
50kΩ Resistor to SGND
Burst + SSFM
Float (Pin Open)
Forced Continuous
VIN
Forced Continuous + SSFM
External Clock
Forced Continuous + Sync Clock
B3
EN/UVLO
Enable and Input Undervoltage Lockout Pin. The IC is shut down when this pin is
below 1V (typical). The IC draws a low VINcurrent of 0.5µA (typical) when this pin is
below 0.15V. The IC is enabled when this pin is above 1.035V (typical). A resistor divider
from VIN to SGND can be used to program a VIN threshold below which the IC is shut
down. Tie EN/UVLO to VIN if the shutdown and UVLO features are not used.
B4
ISET
Channel 1 Burst Mode Bottom Switch Minimum Peak Current Adjust Input. This pin
allows three selectable burst mode peak current (IPK_BURST) levels for optimization of
performance.
ISET Pin Setting
Burst Mode Peak Current
(IPK_BURST) (typ)
VIN
1.7A
Float (Pin Open)
1.47A
SGND or < 0.4V
1.23A
B5
BST2
This pin is used to provide a gate drive voltage to the top side power switch of channel
2. Place a 0.1µF bootstrap capacitor between BST2 and SW2 pins and close to the IC.
C1, D1,
E1, F1,
G1, C5,
D5, E5,
F5, G5
VOUT
Boost Converter Output Pins. Connect both rows of VOUT pins together on the PCB.
Bypass this pin to ground plane with low ESR ceramic capacitors. Place the capacitors
as close to the pins as possible. See the Applications Information section for a sample
layout.
C2, D2,
E2, F2,
G2
SW1
The SW1 pins are the switching nodes of phase 1 internal power switches. Tie these
pins together and connect them to the phase 1 inductor and bootstrap capacitor.
These nodes should be kept small on the PCB for good EMI performance.
C3, D3,
E3, F3,
G3
PGND
Power Ground.
C4, D4,
E4, F4,
G4
SW2
The SW2 pins are the switching nodes of the phase 2 internal power switches. Tie these
pins together and connect them to the phase 2 inductor and bootstrap capacitor.
These nodes should be kept small on the PCB for good EMI performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com