Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8349ACBZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # LT8349ACBZ-R7
Description  8V, 12A, 2-Phase Low IQ Synchronous Boost Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8349ACBZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button LT8349ACBZ-R7 Datasheet HTML 11Page - Analog Devices LT8349ACBZ-R7 Datasheet HTML 12Page - Analog Devices LT8349ACBZ-R7 Datasheet HTML 13Page - Analog Devices LT8349ACBZ-R7 Datasheet HTML 14Page - Analog Devices LT8349ACBZ-R7 Datasheet HTML 15Page - Analog Devices LT8349ACBZ-R7 Datasheet HTML 16Page - Analog Devices LT8349ACBZ-R7 Datasheet HTML 17Page - Analog Devices LT8349ACBZ-R7 Datasheet HTML 18Page - Analog Devices LT8349ACBZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
Data Sheet
LT8349
analog.com
Rev B
15 of 29
APPLICATIONS INFORMATION
Programming V
IN Turn-On and Turn-Off Thresholds with the EN/UVLO Pin
The EN/UVLO pin controls whether the LT8349 is enabled or is in shutdown state. A 1.0V reference and a comparator
EN with 35mV hysteresis (Block Diagram) allow the user to accurately program the supply voltage at which the IC
turns on and off. The falling threshold voltage and rising hysteresis voltage of the VIN pin can be calculated by the
following equations:
VVIN,FALLING = 1V •
(R3 + R4)
R4
VVIN,RISING = 35mV •
(R3 + R4)
R4
+ VVIN,FALLING
When in Burst Mode operation with light load currents, the current through the resistor network R3 and R4 can easily
be greater than the supply current consumed by the IC. Therefore, large resistors can be used for R3 and R4 to
minimize their effect on efficiency at light loads. EN/UVLO pin can be tied to VIN if the shutdown feature is not used,
or alternatively, the pin may be tied to a logic level if shutdown control is required. The IC draws a low VIN quiescent
current of 0.5µA (typical) when EN/UVLO is below 0.15V.
Light Load Current Operation
The LT8349 features 2-phase with 180° out-of-phase operation at heavy loads. The LT8349 reduces to 1- phase
operation (Stage Shedding operation) to enhance the efficiency at light loads. At very light loads, the LT8349 features
selectable 1-phase low ripple Burst Mode operation or 1-phase Forced Continuous operation. Figure 24 shows the
simplified drawings of the LT8349 operations as the load current decreases from high current to very low current
gradually. Figure 24a shows the load current. Figure 24b shows the IL1 and IL2 currents when Burst Mode operation is
selected by SYNC/MODE pin. As shown in Figure 24b, LT8349 operates in 2-phase operation at heavy load. In 2-phase
operation, the inductor peak current of each channel matches each other. As each inductor peak current of 2-phase
operation reduces to the phase shedding threshold ISHED,DUAL (approximately 1.7A), the channel 2 is turned off (IL2 is
kept to 0A), and LT8349 operates in 1-phase operation. At the same time, the current gain of channel 1 is increased
by approximately 1.5 times to ensure a smooth transition, resulting in channel 1 inductor peak current phase
shedding threshold in 1-phase operation (ISHED,SINGLE) increasing by 1.5 (plus hysteresis 0.35A typ.) times:
ISHED,SINGLE ≈ (ISHED,DUAL + 0.35A) • 1.5
As the load current is further decreased, the channel 1 bottom switch minimum peak current (same as the inductor
minimum peak current) is set to IBURST, which is programmed by ISET pin, even though the VC node (Block Diagram)
indicates a lower value. In this condition, the LT8349 maintains the output regulation voltage by reducing the
switching frequency instead of reducing the inductor peak current. The LT8349 delivers single pulses of current to
the output capacitor followed by sleep periods (Figure 24b) during which most of the internal circuits are turned off
and the output power is supplied by the output capacitor. This low ripple Burst Mode operation minimizes the input
quiescent current and minimizes output voltage ripple. As the output load decreases, the frequency of single current
pulses decreases and the percentage of time the LT8349 is in sleep mode increases, resulting in much higher light
load efficiency than for typical converters. By maximizing the time between pulses, the converter VIN pin quiescent
current approaches 15µA for a typical application when there is no output load. To optimize the quiescent current
performance at light loads, the current in the feedback resistor divider should be minimized as it appears to the
output as load current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com