Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440SP-RNC533C Datasheet(PDF) 1 Page - Applied Micro Circuits Corporation

Part # PPC440SP-RNC533C
Description  PowerPC 440SP Embedded Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440SP-RNC533C Datasheet(HTML) 1 Page - Applied Micro Circuits Corporation

  PPC440SP-RNC533C Datasheet HTML 1Page - Applied Micro Circuits Corporation PPC440SP-RNC533C Datasheet HTML 2Page - Applied Micro Circuits Corporation PPC440SP-RNC533C Datasheet HTML 3Page - Applied Micro Circuits Corporation PPC440SP-RNC533C Datasheet HTML 4Page - Applied Micro Circuits Corporation PPC440SP-RNC533C Datasheet HTML 5Page - Applied Micro Circuits Corporation PPC440SP-RNC533C Datasheet HTML 6Page - Applied Micro Circuits Corporation PPC440SP-RNC533C Datasheet HTML 7Page - Applied Micro Circuits Corporation PPC440SP-RNC533C Datasheet HTML 8Page - Applied Micro Circuits Corporation PPC440SP-RNC533C Datasheet HTML 9Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 85 page
background image
Part Number 440SP
Revision 1.23 - Sept 26, 2006
AMCC Proprietary
1
PowerPC 440SP Embedded Processor
Data Sheet
Features
•PowerPC‚ 440 processor core operating at up to
667MHz with 32-KB I- and D-caches (with parity
checking)
• On-chip 256-KB SRAM configurable as L2 Cache
or Ethernet Packet/Code store memory
• Selectable Processor:Bus clock ratios (Refer to
the Clocking chapter in the PPC440SP Embedded
Processor User’s Manual for details)
• Supports up to 4 GB (2 Chip Selects) of 64-bit/32-
bit SDRAM with ECC
– DDR1 266-333-400
– DDR2 400-533-667
• Three DDR PCI-X interfaces (32-bit or 64-bit) up
to 133 MHz (DDR 266) with support for
conventional PCI
• XOR Accelerator with DMA controller
• Optional: High throughput RAID 6 hardware
acceleration, performs XOR and Galois Field P &
Q parity computations, supports up to 255 drives
• I2O Messaging Unit with two DMA controllers
• External Peripheral Bus (24-bit Address, 8-bit
Data) for up to three devices
• One Ethernet 10/100/1000 Mbps half- or full-
duplex interface. Operational modes supported
are MII and GMII.
• Programmable Interrupt Controller supports
interrupts from a variety of sources.
• Programmable General Purpose Timers (GPT)
• Three serial ports (16750 compatible UART)
• Two IIC interfaces
• General Purpose I/O (GPIO) interface available
• JTAG interface for board level testing
• Processor can boot from PCI memory
Description
Designed specifically to address high-end embedded
applications for storage, the PowerPC 440SP
Embedded Processor (PPC440SP) provides a high-
performance, low power solution that interfaces to a
wide range of peripherals by incorporating on-chip
power management features and lower power
dissipation.
This chip contains a high-performance RISC
processor core, a DDR2 SDRAM controller,
configurable 256KB SRAM to be used as L2 cache or
software-controlled on-chip memory, three DDR PCI-X
bus interfaces, an Ethernet interface, an I2O/DMA
controller, control for external ROM and peripherals,
optional RAID 6 acceleration, an XOR DMA unit, serial
ports, IIC interfaces, and general purpose I/O.
Technology: CMOS Cu-11, 0.13mm
Package: 29mm, 783-ball, 1mm pitch, Flip Chip-
Plastic Ball Grid Array (FC-PBGA)
Power (estimated): Less than 6W @533MHz
Supply voltages required: 3.3V, 2.5V, 1.8V, 1.5V


Similar Part No. - PPC440SP-RNC533C

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
PPC440SPE AMCC-PPC440SPE Datasheet
1Mb / 80P
PowerPC 440SPe Embedded Processor
PPC440SPE-3GA533C AMCC-PPC440SPE-3GA533C Datasheet
1Mb / 80P
PowerPC 440SPe Embedded Processor
PPC440SPE-3GA667C AMCC-PPC440SPE-3GA667C Datasheet
1Mb / 80P
PowerPC 440SPe Embedded Processor
PPC440SPE-AGB533C AMCC-PPC440SPE-AGB533C Datasheet
1Mb / 80P
PowerPC 440SPe Embedded Processor
PPC440SPE-AGB667C AMCC-PPC440SPE-AGB667C Datasheet
1Mb / 80P
PowerPC 440SPe Embedded Processor
More results

Similar Description - PPC440SP-RNC533C

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF542 AD-ADSP-BF542 Datasheet
1Mb / 64P
Embedded Processor
Dec-2007
ADSP-BF542 AD-ADSP-BF542_07 Datasheet
3Mb / 68P
Embedded Processor
Apr-2007
logo
Applied Micro Circuits ...
PPC405CR AMCC-PPC405CR Datasheet
815Kb / 42P
PowerPC 405CR Embedded Processor
PPC405EP AMCC-PPC405EP Datasheet
799Kb / 50P
PowerPC 405EP Embedded Processor
405EX AMCC-405EX Datasheet
989Kb / 67P
PowerPC 405EX Embedded Processor
405EXR AMCC-405EXR Datasheet
176Kb / 2P
Embedded Processor
405EZ AMCC-405EZ Datasheet
808Kb / 54P
PowerPC 405EZ Embedded Processor
440SPE AMCC-440SPE Datasheet
1Mb / 80P
PowerPC 440SPe Embedded Processor
440EPX AMCC-440EPX Datasheet
2Mb / 94P
PowerPC 440EPx Embedded Processor
440GRX AMCC-440GRX Datasheet
1Mb / 88P
PowerPC 440GRx Embedded Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com