Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440SP-RNC533C Datasheet(PDF) 63 Page - Applied Micro Circuits Corporation

Part # PPC440SP-RNC533C
Description  PowerPC 440SP Embedded Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440SP-RNC533C Datasheet(HTML) 63 Page - Applied Micro Circuits Corporation

Back Button PPC440SP-RNC533C Datasheet HTML 59Page - Applied Micro Circuits Corporation PPC440SP-RNC533C Datasheet HTML 60Page - Applied Micro Circuits Corporation PPC440SP-RNC533C Datasheet HTML 61Page - Applied Micro Circuits Corporation PPC440SP-RNC533C Datasheet HTML 62Page - Applied Micro Circuits Corporation PPC440SP-RNC533C Datasheet HTML 63Page - Applied Micro Circuits Corporation PPC440SP-RNC533C Datasheet HTML 64Page - Applied Micro Circuits Corporation PPC440SP-RNC533C Datasheet HTML 65Page - Applied Micro Circuits Corporation PPC440SP-RNC533C Datasheet HTML 66Page - Applied Micro Circuits Corporation PPC440SP-RNC533C Datasheet HTML 67Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 85 page
background image
PowerPC 440SP Embedded Processor
Revision 1.23 - Sept 26, 2006
AMCC Proprietary
63
Data Sheet
Device Characteristics
Table 7. Absolute Maximum Ratings
The absolute maximum ratings below are stress ratings only. Operation at or beyond these maximum ratings can cause
permanent damage to the device. None of the performance specifications contained in this document are guaranteed when
operating at these maximum ratings.
Characteristic
Symbol
Value
Unit
Notes
1.5V Supply Voltage (Internal logic)
VDD
0 to +1.6
V
3.3V Supply Voltage (I/O interface, except DDR
SDRAM)
OVDD
0 to +3.6
V
3.3V Supply Voltage (PCI-X I/O)
PxVDD
0 to +3.6
V
1.5V Supply Voltage (PCI-X DDR I/O)
PxVDD
0 to +1.6
V
1.5V Supply Voltages (System PLLs)
AxVDD
0 to +1.6
V
1
1.5V Supply Voltages (PCI-X PLLs)
APxVDD
0 to +1.6
V
1
2.5V Supply Voltage (DDR SDRAM logic)
SVDD
0 to +2.7
V
1.8V Supply Voltage (DDR2 SDRAM logic)
SVDD
0 to +1.95
V
3.3V LVTTL receivers Input Voltage
VIN
0 to +3.6
V
Storage temperature range
TSTG
-55 to +150
°C
Case temperature under bias
TC
-40 to +120
°C2
Notes:
1. The analog voltages used for the on-chip PLLs can be derived from the logic voltage, but must be filtered before entering the
PPC440SP. A separate filter, as shown below, is recommended for each voltage:
2. This value is not a specification of the operational temperature range, it is a stress rating only.
VDD
C
AxVDD, APxVDD
L
L – SMT ferrite bead chip, Murata BLM31A700S
C – 0.1
μF ceramic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com