Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440SP-RNC533C Datasheet(PDF) 62 Page - Applied Micro Circuits Corporation

Part # PPC440SP-RNC533C
Description  PowerPC 440SP Embedded Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440SP-RNC533C Datasheet(HTML) 62 Page - Applied Micro Circuits Corporation

Back Button PPC440SP-RNC533C Datasheet HTML 58Page - Applied Micro Circuits Corporation PPC440SP-RNC533C Datasheet HTML 59Page - Applied Micro Circuits Corporation PPC440SP-RNC533C Datasheet HTML 60Page - Applied Micro Circuits Corporation PPC440SP-RNC533C Datasheet HTML 61Page - Applied Micro Circuits Corporation PPC440SP-RNC533C Datasheet HTML 62Page - Applied Micro Circuits Corporation PPC440SP-RNC533C Datasheet HTML 63Page - Applied Micro Circuits Corporation PPC440SP-RNC533C Datasheet HTML 64Page - Applied Micro Circuits Corporation PPC440SP-RNC533C Datasheet HTML 65Page - Applied Micro Circuits Corporation PPC440SP-RNC533C Datasheet HTML 66Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 85 page
background image
PowerPC 440SP Embedded Processor
62
AMCC Proprietary
Revision 1.23 - Sept 26, 2006
Data Sheet
Power
AxGND
Analog ground.
na
na
APxVDD
Analog voltage—1.5V.
Filtered voltages input for PCI PLLs (analog circuits).
Note:A separate filter for all analog voltages is
recommended.
na
na
AxVDD
Analog voltage—1.5V.
Filtered voltages input for system PLLs (analog circuits).
Note:A separate filter for all analog voltages is
recommended.
na
na
GND
Logic and I/O ground.
na
na
OVDD
I/O supply (except DDR SDRAM and PCI-X)— 3.3V.
na
na
PxVDD
PCI-X I/O voltage supply.
Note:PCI-X operates at 3.3V.
PCI-X 266 DDR operates at 1.5V
na
na
SVDD
DDR SDRAM I/O voltage supply.
Note:DDR SDRAM operates at 2.5V
DDR2 SDRAM operates as 1.8V
na
na
VDD
Logic voltage supply—1.5V.
na
na
PSRO
PSRO
Performance Screen Ring Oscillator.
Note:All PSRO signals should be connected to logic
ground (GND).
na
na
Reserved
Reserved
Do not connect voltage, ground, or any signals to these
pins.
na
na
Table 6. Signal Functional Description (Sheet 7 of 7)
Notes:
1. Receiver input has hysteresis
2. Must pull up (recommended value is 3k
Ω to 3.3V)
3. Must pull down (recommended value is 1k
Ω)
4. If not used, must pull up (recommended value is 3k
Ω to 3.3V)
5. If not used, must pull down (recommended value is 1k
Ω)
6. Strapping input during reset; pull-up or pull-down required
Signal Name
Description
I/O
Type
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com