Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440SP-RNC533C Datasheet(PDF) 6 Page - Applied Micro Circuits Corporation

Part # PPC440SP-RNC533C
Description  PowerPC 440SP Embedded Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440SP-RNC533C Datasheet(HTML) 6 Page - Applied Micro Circuits Corporation

Back Button PPC440SP-RNC533C Datasheet HTML 2Page - Applied Micro Circuits Corporation PPC440SP-RNC533C Datasheet HTML 3Page - Applied Micro Circuits Corporation PPC440SP-RNC533C Datasheet HTML 4Page - Applied Micro Circuits Corporation PPC440SP-RNC533C Datasheet HTML 5Page - Applied Micro Circuits Corporation PPC440SP-RNC533C Datasheet HTML 6Page - Applied Micro Circuits Corporation PPC440SP-RNC533C Datasheet HTML 7Page - Applied Micro Circuits Corporation PPC440SP-RNC533C Datasheet HTML 8Page - Applied Micro Circuits Corporation PPC440SP-RNC533C Datasheet HTML 9Page - Applied Micro Circuits Corporation PPC440SP-RNC533C Datasheet HTML 10Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 85 page
background image
PowerPC 440SP Embedded Processor
6
AMCC Proprietary
Revision 1.23 - Sept 26, 2006
Data Sheet
Table 1. System Memory Address Map (Sheet 1 of 2)
Function
Sub Function
Start Address
End Address
Size
Local Memory (LL)1
DDR SDRAM
0000 0000 0000 0000
0000 0000 FFFF FFFF
4GB
SRAM
0000 0001 0000 0000
0000 0001 0003 FFFF
256KB
Reserved
0000 0001 0004 0000
0000 0001 000F FFFF
Internal PLB Interfaces (LL)
I2O Registers
0000 0001 0010 0000
0000 0001 0010 00FF
256B
DMA 0 Registers
0000 0001 0010 0100
0000 0001 0010 01FF
256B
DMA 1 Registers
0000 0001 0010 0200
0000 0001 0010 02FF
256B
I20/DMA Buffers
0000 0001 0010 0300
0000 0001 0010 0FFF
3.25KB
Reserved
0000 0001 0010 1000
0000 0001 001F FFFF
XOR/DMA2
0000 0001 0020 0000
0000 0001 0020 3FFF
16KB
Reserved
0000 0001 0020 4000
0000 0001 EFFF FFFF
Internal OPB Peripherals (LL)
Reserved
0000 0001 F000 0000
0000 0001 F000 01FF
UART0
0000 0001 F000 0200
0000 0001 F000 0207
8B
Reserved
0000 0001 F000 0208
0000 0001 F000 02FF
UART1
0000 0001 F000 0300
0000 0001 F000 0307
8B
Reserved
0000 0001 F000 0308
0000 0001 F000 03FF
IIC0
0000 0001 F000 0400
0000 0001 F000 041F
32B
Reserved
0000 0001 F000 0420
0000 0001 F000 04FF
IIC1
0000 0001 F000 0500
0000 0001 F000 051F
32B
Reserved
0000 0001 F000 0520
0000 0001 F000 05FF
UART2
0000 0001 F000 0600
0000 0001 F000 0607
8B
Reserved
0000 0001 F000 0608
0000 0001 F000 06FF
248B
GPIO Controller Registers
0000 0001 F000 0700
0000 0001 F000 077F
128B
Reserved
0000 0001 F000 0780
0000 0001 F000 07FF
Ethernet Controller Registers
0000 0001 F000 0800
0000 0001 F000 08FF
256B
Reserved
0000 0001 F000 0900
0000 0001 F000 09FF
General Purpose Timers
0000 0001 F000 0A00
0000 0001 F000 0B3F
320B
Reserved
0000 0001 F000 0B40
0000 0001 F7FF FFFF
EBC Memory
0000 0001 F800 0000
0000 0001 FFBF FFFF
124MB
Additional Boot ROM6
0000 0001 FFC0 0000
0000 0001 FFDF FFFF
2MB
Boot ROM2, 3
0000 0001 FFE0 0000
0000 0001 FFFF FFFF
2MB
Reserved
0000 0002 0000 0000
0000 0007 FFFF FFFF
Local Memory Alias (HB)
Aliased DDR SDRAM
0000 0008 0000 0000
0000 0008 FFFF FFFF
4GB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com