Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440SP-RNC533C Datasheet(PDF) 68 Page - Applied Micro Circuits Corporation

Part # PPC440SP-RNC533C
Description  PowerPC 440SP Embedded Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440SP-RNC533C Datasheet(HTML) 68 Page - Applied Micro Circuits Corporation

Back Button PPC440SP-RNC533C Datasheet HTML 64Page - Applied Micro Circuits Corporation PPC440SP-RNC533C Datasheet HTML 65Page - Applied Micro Circuits Corporation PPC440SP-RNC533C Datasheet HTML 66Page - Applied Micro Circuits Corporation PPC440SP-RNC533C Datasheet HTML 67Page - Applied Micro Circuits Corporation PPC440SP-RNC533C Datasheet HTML 68Page - Applied Micro Circuits Corporation PPC440SP-RNC533C Datasheet HTML 69Page - Applied Micro Circuits Corporation PPC440SP-RNC533C Datasheet HTML 70Page - Applied Micro Circuits Corporation PPC440SP-RNC533C Datasheet HTML 71Page - Applied Micro Circuits Corporation PPC440SP-RNC533C Datasheet HTML 72Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 85 page
background image
PowerPC 440SP Embedded Processor
68
AMCC Proprietary
Revision 1.23 - Sept 26, 2006
Data Sheet
Figure 4. Clock Timing Waveform
Table 12. Clocking Specifications
Symbol
Parameter
Min
Max
Units
SysClk Input
FC
Frequency
33.33
83.33
MHz
TC
Period
12
30
ns
TCS
Edge stability (cycle-to-cycle jitter)
–
±0.15
ns
TCH
High time
40% of nominal period
60% of nominal period
ns
TCL
Low time
40% of nominal period
60% of nominal period
ns
Note:Input slew rate
≥ 1V/ns
PLL VCO
FC
Frequency
600
1333.33
MHz
TC
Period
0.75
1.66
ns
Processor Clock (CPU Clock)
FC
Frequency
400
666.66
MHz
TC
Period
1.5
2.5
ns
MemClkOut
FC
Frequency
200
333.33
MHz
TC
Period
3
5
ns
TCH
High time
45% of nominal period
55% of nominal period
ns
OPB Clock and PerClk
FC
Frequency
–
83.33
MHz
TC
Period
12
–
ns
MAL Clock
FC
Frequency
45
83.33
MHz
TC
Period
12
22.2
ns
TCL
TCH
TC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com