Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440SP-RNC533C Datasheet(PDF) 67 Page - Applied Micro Circuits Corporation

Part # PPC440SP-RNC533C
Description  PowerPC 440SP Embedded Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440SP-RNC533C Datasheet(HTML) 67 Page - Applied Micro Circuits Corporation

Back Button PPC440SP-RNC533C Datasheet HTML 63Page - Applied Micro Circuits Corporation PPC440SP-RNC533C Datasheet HTML 64Page - Applied Micro Circuits Corporation PPC440SP-RNC533C Datasheet HTML 65Page - Applied Micro Circuits Corporation PPC440SP-RNC533C Datasheet HTML 66Page - Applied Micro Circuits Corporation PPC440SP-RNC533C Datasheet HTML 67Page - Applied Micro Circuits Corporation PPC440SP-RNC533C Datasheet HTML 68Page - Applied Micro Circuits Corporation PPC440SP-RNC533C Datasheet HTML 69Page - Applied Micro Circuits Corporation PPC440SP-RNC533C Datasheet HTML 70Page - Applied Micro Circuits Corporation PPC440SP-RNC533C Datasheet HTML 71Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 85 page
background image
PowerPC 440SP Embedded Processor
Revision 1.23 - Sept 26, 2006
AMCC Proprietary
67
Data Sheet
Clock Test Conditions
Clock timing and switching characteristics are specified in accordance with operating
conditions shown in the table “Recommended DC Operating Conditions.” AC
specifications are characterized with VDD = 1.5V, TC = +85 °C and a 10pF test load as
shown in the figure to the right.
Table 11. DC Power Supply Loads
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Notes
VDD (1.5V) active operating current
IDD
3000
mA
2
OVDD (3.3V) active operating current
IODD
40
mA
2
PxVDD (3.3V) active operating current
IPDD
730
mA
2
PxVDD (1.5V) active operating current
IPDD
1600
mA
SVDD (2.5V) active operating current
ISDD
1100
mA
2
SVDD (1.8V) active operating current
ISDD
750
mA
2
AxVDD (1.5V) input current
IADD
33
mA
1, 2
APxVDD (1.5V) input current
IAPDD
33
mA
1, 2
Notes:
1. See “Absolute Maximum Ratings” on page 63 for filter recommendations.
2. Valid only for CPU/PLB/OPB = 533.33/133.33/66.66 MHz.
Output
Pin
10pF
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com