Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440SP-RNC533C Datasheet(PDF) 12 Page - Applied Micro Circuits Corporation

Part # PPC440SP-RNC533C
Description  PowerPC 440SP Embedded Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440SP-RNC533C Datasheet(HTML) 12 Page - Applied Micro Circuits Corporation

Back Button PPC440SP-RNC533C Datasheet HTML 8Page - Applied Micro Circuits Corporation PPC440SP-RNC533C Datasheet HTML 9Page - Applied Micro Circuits Corporation PPC440SP-RNC533C Datasheet HTML 10Page - Applied Micro Circuits Corporation PPC440SP-RNC533C Datasheet HTML 11Page - Applied Micro Circuits Corporation PPC440SP-RNC533C Datasheet HTML 12Page - Applied Micro Circuits Corporation PPC440SP-RNC533C Datasheet HTML 13Page - Applied Micro Circuits Corporation PPC440SP-RNC533C Datasheet HTML 14Page - Applied Micro Circuits Corporation PPC440SP-RNC533C Datasheet HTML 15Page - Applied Micro Circuits Corporation PPC440SP-RNC533C Datasheet HTML 16Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 85 page
background image
PowerPC 440SP Embedded Processor
12
AMCC Proprietary
Revision 1.23 - Sept 26, 2006
Data Sheet
• 24-bit address, 16MB address space
• Peripheral Device pacing with external “Ready”
• Latch data on Ready, synchronous or asynchronous
• Programmable access timing per device
– 256 Wait States for non-burst
– 32 Burst Wait States for first access and up to 8 Wait States for subsequent accesses
– Programmable CSon, CSoff relative to address
– Programmable OEon, WEon, WEoff (1 to 4 clock cycles) relative to CS
• Programmable address mapping
Ethernet Controller Interface
The Ethernet support interfaces to the physical layer, but the PHY is not included on the chip.
Features include:
• One 10/100/1000 interface running in full- and half-duplex modes
– One full Media Independent Interface (MII) with 4-bit parallel data transfer
– One Gigabit Media Independent Interface (GMII)
I2O/DMA Controller
The I20/DMA controller provides support for I20 messaging and two DMA controllers (DMA0 and DMA1). I2O
manages message frame address (MFA) FIFOs or queues in memory in response to I2O register reads and writes
and transfers message frames. The DMAs provide normal memory access support to ease the CPU burden.
I2O features include:
• I2O pull- and push-messaging methods
• Dynamic message frame size
• Programmable FIFO size (4096 64-bit MFAs maximum)
• 64-bit and 32-bit MFA sizes
• Three interrupt gathering methods
• Registered MFA prefetch and posting
• 32-bit inbound and outbound doorbell registers
• Four 32-bit scratch pad registers
DMA features include:
• Programmable Command Pointer FIFO and Completion FIFO size (up to 2048 DMA operations queued)
• 512-byte/1KB buffering for DMA0/DMA1
• Simultaneous fill and drain (PLB read/write pipelining)
• Any source PLB address to any destination address
• No memory alignment restrictions on source or destination
• 32-byte command descriptor block
• Maximum transfer size of 16MB
• 64-bit addressing
• Prefetch indicators for PCI-X buffer management (DMA1 only)
Optional RAID 5 and RAID 6 Acceleration Hardware
The 440SP provides integrated acceleration hardware that implements high throughput RAID 5 and RAID 6
algorithms to compute the single parity P for RAID 5, and dual parity P & Q for RAID 6. RAID 5 is used to recover
data in the case of a single disk drive failure, and RAID 6 provides for data recovery if two disk drives fail.
The 440SP offers a choice of two XOR engines for computing the P parity. The first choice is available with the
XOR/DMA2 acceleration unit and is used for RAID 5. The second choice for XOR parity computation, along with
the RAID 6 Galois Field GF(28)-based polynomial computations, resides inside the Memory Queue functional block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com