Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440SP-RNC533C Datasheet(PDF) 8 Page - Applied Micro Circuits Corporation

Part # PPC440SP-RNC533C
Description  PowerPC 440SP Embedded Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440SP-RNC533C Datasheet(HTML) 8 Page - Applied Micro Circuits Corporation

Back Button PPC440SP-RNC533C Datasheet HTML 4Page - Applied Micro Circuits Corporation PPC440SP-RNC533C Datasheet HTML 5Page - Applied Micro Circuits Corporation PPC440SP-RNC533C Datasheet HTML 6Page - Applied Micro Circuits Corporation PPC440SP-RNC533C Datasheet HTML 7Page - Applied Micro Circuits Corporation PPC440SP-RNC533C Datasheet HTML 8Page - Applied Micro Circuits Corporation PPC440SP-RNC533C Datasheet HTML 9Page - Applied Micro Circuits Corporation PPC440SP-RNC533C Datasheet HTML 10Page - Applied Micro Circuits Corporation PPC440SP-RNC533C Datasheet HTML 11Page - Applied Micro Circuits Corporation PPC440SP-RNC533C Datasheet HTML 12Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 85 page
background image
PowerPC 440SP Embedded Processor
8
AMCC Proprietary
Revision 1.23 - Sept 26, 2006
Data Sheet
Table 2. DCR Address Map (4KB of Device Configuration Registers)
Function
Start Address
End Address
Size
Total DCR Address Space1
000
3FF
1KW (4KB)1
By function:
Reserved
000
00B
12W
Clocking Power On Reset
00C
00D
2W
System DCRs
00E
00F
2W
Memory Controller
010
011
2W
External Bus Controller
012
013
2W
Reserved
014
01F
12W
SRAM
020
02F
16W
L2 Controller
030
03F
16W
Memory Queue
040
04F
16W
Reserved
050
05F
16W
I2O/DMA
060
07F
32W
PLB
080
08F
16W
PLB to OPB Bridge Out
090
09F
16W
Reserved
0A0
0AF
16W
Reserved
0B0
0B1
2W
Reserved
0B2
0BF
14W
Interrupt Controller 0
0C0
0CF
16W
Interrupt Controller 1
0D0
0DF
16W
Power Management
0E0
0E7
8W
Reserved
0E8
17F
152W
Ethernet MAL
180
1FF
128W
Reserved
200
3FF
512W
Notes:
1. DCR address space is addressable with up to 10 bits (1024 or 1K unique addresses). Each unique address represents a sin-
gle 32-bit (word) register. One KW (1024W) equals 4KB (4096 bytes).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com