Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440SPE-RNB533C Datasheet(PDF) 11 Page - Applied Micro Circuits Corporation

Part # PPC440SPE-RNB533C
Description  PowerPC 440SPe Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440SPE-RNB533C Datasheet(HTML) 11 Page - Applied Micro Circuits Corporation

Back Button PPC440SPE-RNB533C Datasheet HTML 7Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 8Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 9Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 10Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 11Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 12Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 13Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 14Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 15Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 80 page
background image
PowerPC 440SPe Embedded Processor
Revision 1.23 - Sept 21, 2006
AMCC Proprietary
11
Preliminary Data Sheet
• Buffering in each PCI Express Port for the following transaction types:
– 4K byte Replay buffer: up to 8 in flight transactions
– 2K bytes for Outbound posted Writes
– 8K bytes for Outbound Reads completion
• 2K prefetch request from first I2O/DMA PLB Master
• 1K prefetch request from 2nd I2O/DMA PLB Master
• 1K prefetch request from first PCIE 4x links
• 1K prefetch request from 2nd PCIE 4x links
• 256 byte from the PPC440
– 2K bytes for Inbound posted Writes
– 2K bytes for Inbound Reads completion
• Parity checking on each buffer
• POM Programmable Outbound Memory Regions: 3 Memory, 1 I/O, 1 Message, 1 config, 1 Internal Regs
• PIM Programmable Inbound Memory Regions: 4 Memory, 1 I/O, 1 Expansion ROM
• INTx Interrupts support (PCI legacy):
– up to 4 INTx Termination for Root Ports. A/B/C/D interrupts are wired to the UIC
– A/B/C/D INTx types Generation for Endpoints
• MSI - Message Signaled Interrupts
– MSI Generation for End Point
– MSI Termination for Root Ports
– MSI_X Termination for Root Ports
DDR PCI-X Interface
The DDR PCI-X interface allows connection of PCI and PCI-X devices to the PowerPC processor and local
memory. The PCI-X interface supports 64-bit PCI-X bus in DDR mode 2. It can be configured for either host or
adapter mode. PCI 32/64-bit legacy mode, compatible with PCI Version 2.3, is also supported.
Features include:
•PCI-X 2.0
– Split transactions
– Frequency to 266MHz
– 32- and 64-bit address/data bus
– ECC supported for 266MHz Mode 2 only
• PCI 2.3 backward compatibility
– Frequency to 66MHz
– 32- and 64-bit bus
• Can be the PCI Host Bus Bridge or an Adapter Device PCI interface
• Optional PCI arbitration function with PCI and PCI-X mode 1, supporting up to four external devices, that can
be disabled for use with an external arbiter
• Support for PLB-based (external to PLB–PCI-X bridge) I2O
• Support for Message Signaled Interrupts (MSI) on both in- and out-bound interrupts
• Simple message passing capability
• Asynchronous to the PLB
• PCI Power Management Version 1.1
• PCI arbitration function with PCI-X Mode 2 support (optional)
• PCI register set addressable both from on-chip processor and PCI device sides
• Ability to boot from PCI-X bus memory
• Error tracking/status
• Supports initiation of transfer to the following address spaces:
– Single beat I/O reads and writes
– Single beat and burst memory reads and writes
– Single beat configuration reads and writes (Type 0 and Type 1)
– Single beat special cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com