Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440SPE-RNB533C Datasheet(PDF) 56 Page - Applied Micro Circuits Corporation

Part # PPC440SPE-RNB533C
Description  PowerPC 440SPe Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440SPE-RNB533C Datasheet(HTML) 56 Page - Applied Micro Circuits Corporation

Back Button PPC440SPE-RNB533C Datasheet HTML 52Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 53Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 54Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 55Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 56Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 57Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 58Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 59Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 60Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 80 page
background image
PowerPC 440SPe Embedded Processor
56
AMCC Proprietary
Revision 1.23 - Sept 21, 2006
Preliminary Data Sheet
HISRRst
Hardware initiated system reset with an initial SDRAM
self-refresh phase to save data in Memory.
I
3.3V LVTTL
1, 2
TESTEN
Test Enable.
I
3.3V LVTTL
3
TMR_CLK
Processor timer external input clock.
I
3.3V LVTTL
JTAG Interface
TCK
Test Clock.
I
3.3V LVTTL
1
TDI
Test Data In.
I
3.3V LVTTL
w/pull-down
4
TDO
Test Data Out.
O
3.3V LVTTL
TMS
Test Mode Select.
I
3.3V LVTTL
with pull-up
1
TRST
Test Reset. During chip power-up, this signal must be
low from the start of VDD ramp-up until at least 16
SysClk cycles after VDD is stable in order to initialize the
JTAG controller.
I
3.3V LVTTL
with pull-up
5
Trace Interface
TrcClk
Trace data capture clock, runs at 1/4 the frequency of
the processor.
O3.3V LVTTL
TRCBS0:2
Trace branch execution status.
O
3.3V LVTTL
TrcES0:4
Trace Execution Status is presented every fourth
processor clock cycle.
O3.3V LVTTL
TrcTS0:6
Additional information on trace execution and branch
status.
O3.3V LVTTL
Tests
SCANOUT[00][07:08] [14:21] [25]
Test scan out
Manufacturing test signals: No need for termination
n/a
Power
PCIE0:2AV25
2.5V supply voltage for the serial link of the PCI Express
I
PCIE_PLLVDD2
2.5V supply voltage for the PCI Express Reference
clock Input receiver in front of the PLL
I
PCIE_PLLVDDA
Analog 2.5V filtered supply voltage A for the PLL of the
PCI Express
I
PCIE_PLLVDDB
Analog 2.5V filtered supply voltage B for the PLL of the
PCI Express
I
PCIE_PLLGNDA
GNDA for the PLL of the PCI Express
I
PCIE_PLLGNDB
GNDB for the PLL of the PCI Express
I
PCIX0PLLG
Ground for the PCI-X0 PLL
n/a
n/a
PCIX0PLLV
Analog 1.5V Filtered Supply voltages input for PCI-X0
A separate filter for all analog voltages is recommended.
In/a
Table 6. Signal Functional Description (Sheet 7 of 8)
Notes:
1. Receiver input has hysteresis
2. Must pull up (recommended value is 3k
Ω to 3.3V)
3. Must pull down (recommended value is 1k
Ω)
4. If not used, must pull up (recommended value is 3k
Ω to 3.3V)
5. If not used, must pull down (recommended value is 1k
Ω)
6. Strapping input during reset; pull-up or pull-down required
Signal Name
Description
I/O
Type
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com