Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440SPE-RNB533C Datasheet(PDF) 57 Page - Applied Micro Circuits Corporation

Part # PPC440SPE-RNB533C
Description  PowerPC 440SPe Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440SPE-RNB533C Datasheet(HTML) 57 Page - Applied Micro Circuits Corporation

Back Button PPC440SPE-RNB533C Datasheet HTML 53Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 54Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 55Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 56Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 57Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 58Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 59Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 60Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 61Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 80 page
background image
PowerPC 440SPe Embedded Processor
Revision 1.23 - Sept 21, 2006
AMCC Proprietary
57
Preliminary Data Sheet
SYSPLLG
Ground for the SYS_PLL
n/a
n/a
SYSPLLV
Analog 1.5V Filtered Supply voltages input for the
SYS_PLL
A separate filter for all analog voltages is recommended.
In/a
SYS2PLLG
Ground for the DDR_PLL (SDRAM)
n/a
n/a
SYS2PLLV
Analog 1.5V Filtered Supply voltages input for the
DDR_PLL (SDRAM)
A separate filter for all analog voltages is recommended.
In/a
GND
Logic and I/O voltage ground.
n/a
n/a
OVDD
3.3V I/O supply (except DDR SDRAM and PCI-X).
n/a
n/a
PxVDD
PCI-X I/O voltage supply.
3.3 V for PCI and PCI-X
1.5 V for PCI-X 266 DDR Mode 2
n/a
n/a
SVDD
DDR SDRAM I/O voltage supply.
2.5V for DDR1 SDRAM
1.8V for DDR2 SDRAM
n/a
n/a
VDD
1.5V Logic voltage supply.
n/a
n/a
Miscellaneous
PSRO1
Performance Screen Ring Oscillator.
n/a
n/a
5
THERMALDA
THERMALDB
On chip Diode for thermal monitoring.
P diffusion on Pad A (In), and N on pad B (out)
I
O
Reserved
Do not connect voltage, ground, or any signals to these
pins.
n/a
n/a
Table 6. Signal Functional Description (Sheet 8 of 8)
Notes:
1. Receiver input has hysteresis
2. Must pull up (recommended value is 3k
Ω to 3.3V)
3. Must pull down (recommended value is 1k
Ω)
4. If not used, must pull up (recommended value is 3k
Ω to 3.3V)
5. If not used, must pull down (recommended value is 1k
Ω)
6. Strapping input during reset; pull-up or pull-down required
Signal Name
Description
I/O
Type
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com