Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440SPE-RNB533C Datasheet(PDF) 6 Page - Applied Micro Circuits Corporation

Part # PPC440SPE-RNB533C
Description  PowerPC 440SPe Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440SPE-RNB533C Datasheet(HTML) 6 Page - Applied Micro Circuits Corporation

Back Button PPC440SPE-RNB533C Datasheet HTML 2Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 3Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 4Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 5Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 6Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 7Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 8Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 9Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 10Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 80 page
background image
PowerPC 440SPe Embedded Processor
6
AMCC Proprietary
Revision 1.23 - Sept 21, 2006
Preliminary Data Sheet
Address Maps
The PPC440SPe incorporates two address maps. The first is a fixed processor system memory address map. This
address map defines the possible contents of various processor accessible address regions. The second address
map identifies the system Device Configuration Registers (DCRs). DCRs are accessed by software running on the
PPC440SPe processor through the use of mtdcr and mfdcr instructions.
Table 1. System Memory Address Map (Sheet 1 of 2)
Function
Sub Function
Start Address
End Address
Size
Local Memory (LL)1
DDR SDRAM
0000 0000 0000 0000
0000 0003 FFFF FFFF
16GB
SRAM
0000 0004 0000 0000
0000 0004 0003 FFFF
256KB
Reserved
0000 0004 0004 0000
0000 0004 000F FFFF
Internal PLB Interfaces (LL)
I2O Registers
0000 0004 0010 0000
0000 0004 0010 00FF
256B
DMA 0 Registers
0000 0004 0010 0100
0000 0004 0010 01FF
256B
DMA 1 Registers
0000 0004 0010 0200
0000 0004 0010 02FF
256B
I20/DMA Buffers
0000 0004 0010 0300
0000 0004 0010 0FFF
3.25K
B
Reserved
0000 0004 0010 1000
0000 0004 001F FFFF
XOR/DMA2
0000 0004 0020 0000
0000 0004 0020 03FF
1KB
Reserved
0000 0004 0020 0400
0000 0004 002F FFFF
PCI Express Interrupt Handler
0000 0004 0030 0000
0000 0004 0030 00FF
256B
Reserved
0000 0004 0030 0100
0000 0004 DFFF FFFF
Internal OPB Peripherals (LL)
EBC Memory6
0000 0004 E000 0000
0000 0004 EFFF FFFF
256MB
Reserved
0000 0004 F000 0000
0000 0004 F000 01FF
UART0
0000 0004 F000 0200
0000 0004 F000 0207
8B
Reserved
0000 0004 F000 0208
0000 0004 F000 02FF
UART1
0000 0004 F000 0300
0000 0004 F000 0307
8B
Reserved
0000 0004 F000 0308
0000 0004 F000 03FF
IIC0
0000 0004 F000 0400
0000 0004 F000 041F
32B
Reserved
0000 0004 F000 0420
0000 0004 F000 04FF
IIC1
0000 0004 F000 0500
0000 0004 F000 051F
32B
Reserved
0000 0004 F000 0520
0000 0004 F000 05FF
UART2
0000 0004 F000 0600
0000 0004 F000 0607
8B
Reserved
0000 0004 F000 0608
0000 0004 F000 06FF
248B
GPIO Controller Registers
0000 0004 F000 0700
0000 0004 F000 077F
128B
Reserved
0000 0004 F000 0780
0000 0004 F000 07FF
Ethernet Controller Registers
0000 0004 F000 0800
0000 0004 F000 08FF
256B
Reserved
0000 0004 F000 0900
0000 0004 F000 09FF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com