Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440SPE-RNB533C Datasheet(PDF) 14 Page - Applied Micro Circuits Corporation

Part # PPC440SPE-RNB533C
Description  PowerPC 440SPe Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440SPE-RNB533C Datasheet(HTML) 14 Page - Applied Micro Circuits Corporation

Back Button PPC440SPE-RNB533C Datasheet HTML 10Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 11Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 12Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 13Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 14Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 15Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 16Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 17Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 18Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 80 page
background image
PowerPC 440SPe Embedded Processor
14
AMCC Proprietary
Revision 1.23 - Sept 21, 2006
Preliminary Data Sheet
For more information about the RAID 6 implementation, description, and configuration of the acceleration
hardware, refer to the following AMCC documents:
• PowerPC 440SP/440SPe RAID Support Application Note
• PowerPC 440SPe RAID Addendum to the User’s Manual
XOR/DMA2 Controller
The XOR/DMA2 controller performs the XOR functions needed to support RAID 5 applications including parity
generation and check functions used across data stripes in a RAID 5 system.
• Computes a bit-wise XOR on up to 16 data streams with result stored in designated target
• Performs XOR check on up to 16 data streams
• Driven by a linked list Command Block structure specifying control information, source operands, target
operand, status information, and link
• Source and target streams may reside anywhere in PLB address space.
• Provides completion status per Command Block to be handled by software at a later time
• 96-byte and 160-byte Command Block formats are supported
• No memory alignment restrictions on operands or target
• Internal register arrays and data buffers are parity protected
• Can be used as a DMA controller (DMA2) with single source and target addresses
• PLB Master interface
• PLB Slave port used as control interface for reading and writing control and status information
Serial Port
The serial port is compatible with the NS‚ 16570 UART interface.
Features include:
• One 8-pin, one 4-pin, and one 2-pin interfaces are provided
• Selectable internal or external serial clock to allow wide range of baud rates
• Register compatibility with 16750 register set
• Complete status reporting capability
• Fully programmable serial-interface characteristics
IIC Bus Interface
Features include:
• Two IIC interfaces provided
• Support for Philips‚ Semiconductors I2C Specification, dated 1995
• Operation at 100kHz or 400kHz
•8-bit data
• 10- or 7-bit address
• Slave transmitter and receiver
• Master transmitter and receiver
• Multiple bus masters
• Supports fixed VDD IIC interface
• Two independent 4 x 1 byte data buffers
• Twelve memory-mapped, fully programmable configuration registers
• One programmable interrupt request signal
• Full management of all IIC bus protocols
• Programmable error recovery
• Port 0 supports serial Bootstrap ROM with default override parameters at initialization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com