Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440SPE-RNB533C Datasheet(PDF) 4 Page - Applied Micro Circuits Corporation

Part # PPC440SPE-RNB533C
Description  PowerPC 440SPe Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440SPE-RNB533C Datasheet(HTML) 4 Page - Applied Micro Circuits Corporation

  PPC440SPE-RNB533C Datasheet HTML 1Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 2Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 3Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 4Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 5Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 6Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 7Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 8Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 9Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 80 page
background image
PowerPC 440SPe Embedded Processor
4
AMCC Proprietary
Revision 1.23 - Sept 21, 2006
Preliminary Data Sheet
Ordering and PVR Information
For information about the availability of the following parts, contact your local sales office. The most current version
of the 440SPe is Revision B. The part numbers for 440SPe Revision B are shown in the following figures.
Each part number contains a revision code. This is the die mask revision number and is included in the part
number for identification purposes only.
The PVR (Processor Version Register) and the JTAG ID register are software accessible (read-only) and contain
information that uniquely identifies the part. See the PPC440SPe Embedded Processor User’s Manual for details
about accessing these registers.
Note: Raid-enabled versions (Product Feature = R) require a RAID key license.
Figure 1. Order Part Number Key
The part numbers for 440SPe Revision A are shown in the following figure.
Product Name
Order Part Number
(see Notes 1-5)
Package
Rev
Level
PVR Value
JTAG ID
PPC440SPe
PPC440SPe-xpBfffC
27mm, 675 FC-PBGA
B
0x53421891
0x14538049
Notes:
1. x = Product Feature
A = RAID6 not enabled (Rev Level B only)
R = RAID6 enabled (Rev Level B only)
2. p = Module Package Type
G = leaded FC-PBGA
N = lead free FC-PGBA (RoHS compliant)
3. B = Chip Revision Level B (2.0)
4. fff = Processor Frequency
533 = 533MHz
667 = 667MHz
5. C = Case Temperature Range of 0°C to +95°C
Product
Name
Order Part Number
Processor
Frequency
Package
Rev
Level
PVR Value
JTAG ID
PPC440SPe
PPC440SPe-3GA533C
533MHz
27mm, 675 FC-PBGA
A
0x53421890
0x14538049
PPC440SPe
PPC440SPe-3GA667C
667MHz
27mm, 675 FC-PBGA
A
0x53421890
0x14538049
PPC440SPe-RNB667C
Package
Product Feature
Case Temperature Range
Revision Level
Processor Speed
AMCC Part Number
Note: The example part number above is a RAID6-enabled, lead-free package, at Chip Revision
Level B, at PCI Express core revision level 1.1, capable of running at 667 MHz, and is shipped in
tray packaging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com