Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440SPE-RNB533C Datasheet(PDF) 68 Page - Applied Micro Circuits Corporation

Part # PPC440SPE-RNB533C
Description  PowerPC 440SPe Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440SPE-RNB533C Datasheet(HTML) 68 Page - Applied Micro Circuits Corporation

Back Button PPC440SPE-RNB533C Datasheet HTML 64Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 65Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 66Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 67Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 68Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 69Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 70Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 71Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 72Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 80 page
background image
PowerPC 440SPe Embedded Processor
68
AMCC Proprietary
Revision 1.23 - Sept 21, 2006
Preliminary Data Sheet
EMCTxEn
na
na
15
2
19.1
8.7
EMCTxClk
EMCTxErr
na
na
15
2
19.1
8.7
EMCTxClk
Internal Peripheral Interface
IIC0SClk
n/a
n/a
n/a
n/a
15.3
10.2
IIC0SDA
-
-
-
-
15.3
10.2
IIC0SClk
IIC1SClk
n/a
n/a
n/a
n/a
15.3
10.2
IIC1SDA
-
-
-
-
15.3
10.2
IIC0SClk
UARTSerClk
n/a
n/a
n/a
n/a
19.1
8.7
UART0_Rx
-
-
n/a
n/a
-
-
UARTSerClk
UART0_Tx
n/a
n/a
-
-
19.1
8.7
UARTSerClk
UART0_DCD
-
-
n/a
n/a
19.1
8.7
async
UART0_DSR
-
-
n/a
n/a
19.1
8.7
async
UART0_CTS
-
-
n/a
n/a
19.1
8.7
async
UART0_DTR
n/a
n/a
19.1
8.7
async
UART0_RI
-
-
n/a
n/a
-
-
async
UART0_RTS
n/a
n/a
19.1
8.7
async
UART1_Rx
n/a
n/a
19.1
8.7
UARTSerClk
UART1_Tx
n/a
n/a
-
-
19.1
8.7
UARTSerClk
UART1_DSR/CTS
-
-
n/a
n/a
19.1
8.7
async
UART1_DTR/RTS
n/a
n/a
19.1
8.7
async
UART2_Rx
-
-
n/a
n/a
19.1
8.7
UARTSerClk
UART2_Tx
n/a
n/a
-
-
19.1
8.7
UARTSerClk
Interrupts Interface
IRQ0:15
-
-
-
-
n/a
n/a
async
JTAG Interface
TDI
-
-
na
na
na
na
async
TMS
-
-
nananana
async
TDO
na
na
-
-
19.1
8.7
async
TCK
-
-
nananana
async
TRST
-
-
na
na
na
na
async
System Interface
Halt
-
-
n/a
n/a
n/a
n/a
async
GPIO00:31
-
-
-
-
19.1
8.7
async
SysClk
-
-
n/a
n/a
n/a
n/a
na
SysErr
n/a
n/a
-
-
19.1
8.7
async
SysReset
-
-
-
-
n/a
n/a
async
HISRRst
-
-
-
-
19.1
8.7
async
TESTEN
-
-
n/a
n/a
n/a
n/a
async
TmrClk
-
-
n/a
n/a
n/a
n/a
na
Trace Interface
TrcClk
n/a
n/a
-
-
19.1
8.7
TRCBS0:2
-
-
-
-
19.1
8.7
TrcES0:4
-
-
-
-
19.1
8.7
TrcTS0:6
-
-
-
-
19.1
8.7
Table 14. I/O Specifications—All Speeds (Sheet 2 of 2)
Notes:
1. Ethernet interface meets timing requirements as defined by IEEE 802.3 standard.
2. PCI-X timings are for asynchronous operation up to 133.33MHz. PCI-X input setup time requirement is 1.2ns for 133.33MHz
and 1.7ns for 66.66MHz. PCI timings (in parentheses) are for asynchronous operation up to 66.66MHz. PCI output hold time
requirement is 1ns for 66.66MHz and 2ns for 33.33MHz.
3. These are DDR signals that can change on both the positive and negative clock transitions.
Signal
Input (ns)
Output (ns)
Output Current (mA)
Clock
Notes
Setup Time
(TIS min)
Hold Time
(TIH min)
Valid Delay
(TOV max)
Hold Time
(TOH min)
I/O H
(minimum)
I/O L
(minimum)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com