Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440SPE-RNB533C Datasheet(PDF) 55 Page - Applied Micro Circuits Corporation

Part # PPC440SPE-RNB533C
Description  PowerPC 440SPe Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440SPE-RNB533C Datasheet(HTML) 55 Page - Applied Micro Circuits Corporation

Back Button PPC440SPE-RNB533C Datasheet HTML 51Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 52Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 53Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 54Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 55Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 56Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 57Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 58Page - Applied Micro Circuits Corporation PPC440SPE-RNB533C Datasheet HTML 59Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 80 page
background image
PowerPC 440SPe Embedded Processor
Revision 1.23 - Sept 21, 2006
AMCC Proprietary
55
Preliminary Data Sheet
UART Peripheral Interface
UARTSerClk
Serial clock input that provides an alternative to the
internally generated serial clock. Used in cases where
the allowable internally generated clock rates are not
satisfactory.
I
3.3V LVTTL
1, 4
UART0_Rx
UART0 Receive data.
I
3.3V LVTTL
1, 4
UART0_Tx
UART0 Transmit data.
O
3.3V LVTTL
4
UART0_DCD
UART0 Data Carrier Detect.
I
3.3V LVTTL
6
UART0_DSR
UART0 Data Set Ready.
I
3.3V LVTTL
6
UART0_CTS
UART0 Clear To Send.
I
3.3V LVTTL
1, 4, 6
UART0_DTR
UART0 Data Terminal Ready.
O
3.3V LVTTL
4
UART0_RTS
UART0 Request To Send.
O
3.3V LVTTL
4
UART0_RI
UART0 Ring Indicator.
I
3.3V LVTTL
w/pull-up
1, 4
UART1_Rx
UART1 Receive data.
I
3.3V LVTTL
1, 4
UART1_Tx
UART1 Transmit data.
O
3.3V LVTTL
1, 4
UART1_DSR/CTS
UART1 Data Set Ready or Clear To Send. The choice is
determined by a DCR register bit setting.
I
3.3V LVTTL
1, 4
UART1_DTR/RTS
UART1 Request To Send or Data Terminal Ready. The
choice is determined by a DCR register bit setting.
O
3.3V LVTTL
1, 4
UART2_Rx
UART2 Receive data.
I
3.3V LVTTL
1, 4
UART2_Tx
UART2 Transmit data.
O
3.3V LVTTL
1, 4
Interrupts Interface
IRQ0:15
External interrupt Requests 0 through 15.
These pins are multiplexed with GPIO16:31
I
3.3V LVTTL
1, 5
System Interface
Halt
Halt from external debugger.
I
3.3V LVTTL
1, 4
GPIO00:31
General purpose I/O 0 through 31.
The GPIOs are multiplexed with IRQs, and Trace signal
IO. Setting is done with the DCR register bits.
I/O
3.3V LVTTL
SysClk
Main system clock input.
I
3.3V LVTTL
SysErr
Set to 1 when a machine check is generated.
O
3.3V LVTTL
SysPartSel
Not used.
I
NA
3
SysReset
Main system reset. External logic can drive this pin low
(minimum of 16 cycles) to initiate a system reset. A reset
of the PPC440SPe can also be initiated by software.
I
3.3V LVTTL
1, 2
ExtReset
External Reset. During the PPC440SPe’s reset phase
this signal is at down level.
O3.3V LVTTL
Table 6. Signal Functional Description (Sheet 6 of 8)
Notes:
1. Receiver input has hysteresis
2. Must pull up (recommended value is 3k
Ω to 3.3V)
3. Must pull down (recommended value is 1k
Ω)
4. If not used, must pull up (recommended value is 3k
Ω to 3.3V)
5. If not used, must pull down (recommended value is 1k
Ω)
6. Strapping input during reset; pull-up or pull-down required
Signal Name
Description
I/O
Type
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com