Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC453TSTRT Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC453TSTRT
Description  Portable, VID Programmed Single Phase Power Supply Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC453TSTRT Datasheet(HTML) 5 Page - Semtech Corporation

  SC453TSTRT Datasheet HTML 1Page - Semtech Corporation SC453TSTRT Datasheet HTML 2Page - Semtech Corporation SC453TSTRT Datasheet HTML 3Page - Semtech Corporation SC453TSTRT Datasheet HTML 4Page - Semtech Corporation SC453TSTRT Datasheet HTML 5Page - Semtech Corporation SC453TSTRT Datasheet HTML 6Page - Semtech Corporation SC453TSTRT Datasheet HTML 7Page - Semtech Corporation SC453TSTRT Datasheet HTML 8Page - Semtech Corporation SC453TSTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC453
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Soft-Start & DAC Slew (SS)
Soft-Start/DAC
Slew Current
Note:
SS cap is not discharged
until EN goes low or
UVLO cuts in. To enable
the converter, SS has to
drop below V
SS_EN.
I
SS
Discharge (sink) Current
5
10
mA
Soft-Start transition 0 < T
A < 85°C,
- 40 < T
A < 85° C
7.5
10.5
16
μA
Sleep Exit, 0 < T
A < 85°C
204
256
310
Sleep Exit, -40 < T
A < 85°C
180
240
320
VID Transition, 0 < T
A < 85°C
102
128
155
VID Transition, -40 < T
A < 85°C
90
120
160
Soft-Start
Enable Threshold
V
SS_EN
40
100
mV
DAC (VID [5:0])
VID Input Threshold
V
iH_VID
0.55
V
V
iL_VID
0.45
DAC Output
Voltage Accuracy
V
DAC_ERR
0° < T
A < 85°C, VID [5:0] = 000000
"111111(1.708V" 0.812V)
-0.85
+0.85
%
-25°C < T
A < 85°C, VID [5:0] = 000000
"111111 (1.708V" 0.700V)
-2.0
+2.0
%
Boot Voltage (BOOTV)
Input Voltage Offset
V
BOOTV-
V
DAC
BOOTV = 1.2V
|±3|
%
BOOT Delay Time(1)
TBOOT
10
35
μs
Sleep (SLP, SLPV)
Input Voltage Offset
V
SLPV-VDAC
SLPV = 0.8V
|±3|
%
SLP Logic Threshold
V
iH_SLP
2
V
V
iL_SLP
0.8
CORE Comparator (CMP, REFIN, HYS)
Input Bias Current
I
REFIN
V
REFIN = 1.3V
|±2|
μA
Input Voltage Offset
V
CMP -
V
REFIN
|±1.5|
|±3|
mV
Electrical Characteristics (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com