Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC453TSTRT Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC453TSTRT
Description  Portable, VID Programmed Single Phase Power Supply Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC453TSTRT Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC453TSTRT Datasheet HTML 12Page - Semtech Corporation SC453TSTRT Datasheet HTML 13Page - Semtech Corporation SC453TSTRT Datasheet HTML 14Page - Semtech Corporation SC453TSTRT Datasheet HTML 15Page - Semtech Corporation SC453TSTRT Datasheet HTML 16Page - Semtech Corporation SC453TSTRT Datasheet HTML 17Page - Semtech Corporation SC453TSTRT Datasheet HTML 18Page - Semtech Corporation SC453TSTRT Datasheet HTML 19Page - Semtech Corporation SC453TSTRT Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
16
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC453
LOAD RELEASE
The worst-case for the transient load release to happen is
when the hysteresis has just reached the maximum, (i.e.,
the high-side switch has just turned of); at this time the
inductor has reached its peak current.
IRIPPLE
VINMAX VMAX_FL
−
()dMIN
⋅
L1 FS
⋅
L1
LMIN
⋅
:=
It0 IMAX_FL
IRIPPLE
2
+
:=
Load is stepping from high to low.
Immediately after the load steps down from I
MAX to IMIN, the
high side FET is turned off, and the bottom FET is turned
on after the dead time. We assume for the worst-case
condition, at t = 0, the output inductor is sitting at its max-
imum; after t = 0, the inductor discharges at a rate equal
to V
FL / L. (without the consideration of the secondary or-
der effect, such as, Rds_on drop, current sense resistor
and copper losses). The energy released from the output
inductor during load step-down, charges the output ca-
pacitors and is dissipated through the following means:
Rds_on, Rcs, Rcu, Rcu_rt, ESR of the output capacitors
and load.
Applications Information (Cont.)
Since the output inductor is discharging at a fixed rate,
there are two terms contributing to the increase of the
voltage on the output capacitors: 1) is due to the ESR of
the output capacitor; 2) is due to the added charge con-
tributed by the inductor current.
J.
VESR tNCAP
,
() ICAP t()
RESR
NCAP
⋅
:=
K.
dVCAP tNCAP
,
()
ICAP t
()t
⋅
COUT NCAP
⋅
:=
L.
VTOTAL tNCAP
,
() VESR tNCAP
,
() dVCAP tNCAP
,
()
+
:=
The chart above shows the system response for the ca-
pacitors defined in Step 1 and the chart to follow shows
the details of the response for the chosen number of out-
put capactors.
LRDS
RCU
ESR_eq
IMAX
IMIN
Cout_eq
Rcu_rt
Rds_ON
BG
R_LOAD
t0 10n s
⋅
,
10
μ s
⋅
..
:=
IL t
()
It0
VMAX_FL t⋅
L1
−
⎛
⎜
⎝
⎞
⎠
:=
ICAP t
()
IL t
()
ILKGMAX
−
:=
IRIPPLE 6.01 A
=
It0 23.005 A
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com