Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC453TSTRT Datasheet(PDF) 17 Page - Semtech Corporation

Part # SC453TSTRT
Description  Portable, VID Programmed Single Phase Power Supply Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC453TSTRT Datasheet(HTML) 17 Page - Semtech Corporation

Back Button SC453TSTRT Datasheet HTML 13Page - Semtech Corporation SC453TSTRT Datasheet HTML 14Page - Semtech Corporation SC453TSTRT Datasheet HTML 15Page - Semtech Corporation SC453TSTRT Datasheet HTML 16Page - Semtech Corporation SC453TSTRT Datasheet HTML 17Page - Semtech Corporation SC453TSTRT Datasheet HTML 18Page - Semtech Corporation SC453TSTRT Datasheet HTML 19Page - Semtech Corporation SC453TSTRT Datasheet HTML 20Page - Semtech Corporation SC453TSTRT Datasheet HTML 21Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
17
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC453
Applications Information (Cont.)
Step 3: Setting RHYS
The next step is to calculate R
HYS. Since the SC453 is a
hysteretic controller, it regulates the amount of output
ripple according to a hysteresis value set by R
HYS. The de-
signer must therefore decide upon the amount of desired
output ripple, and then set R
HYS accordingly.
The hysteresis controls the amount of ripple at the point
of regulation, which is the point between the inductor and
the current sense resistor. The amount of ripple at the
output is defined by the current sense resistor and the
output cap, ESR. This factor is taken into account in the
equation shown below relating V
RIPPLE to VHYS.
To achieve tight accuracy, it is recommended that the out-
put ripple be set to 20mV peak-to-peak.
ESR
RESR
NCAP
:=
ESR 1.5
10
3
−
×Ω
=
VRIPPLE 0.02 V
=
M.
VHYS VRIPPLE
RCS ESR
+
()
ESR
⋅
:=
VHYS 0.033 V
=
V
HYS is created by a current source, IHYS, through R9 (see
the diagram below). The current source value is con-
trolled via R
HYS. For simplicity it is easier to select a value
for R7 (the resistor in series with the CMP pin) first, and
then calculate R
HYS, as follows:
N.
R7 1K Ω
⋅
:=
.
RHYS
2VREF
⋅
VHYS
R7
⎛
⎜
⎝
⎞
⎠
:=
RHYS 102.0 KΩ
=
In the SC453 application circuit, R
HYS consists of three re-
sistors (R3, R4 and R5). These resistors also form the
dividers for BOOTV and SLPV. Note also that depending
on circuit layout and parasitics, R
HYS may have to be ad-
justed slightly to obtain optimum performance. (We will
come back to calculate the above resistors after we set
the PBOOT and Deeper Sleep voltages). To increase hys-
teresis without having to change the divider resistors, a
fourth resistor (R14), can be added. Additional hysteresis
is needed when inductances in the current sense paths
cause additional signal that add to the resistive signal,
limiting the accuracy of the calculations.
R14
HYS
BOOTV
SLPV
R5
R4
R3
SC453



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com