Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC453TSTRT Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC453TSTRT
Description  Portable, VID Programmed Single Phase Power Supply Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC453TSTRT Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC453TSTRT Datasheet HTML 4Page - Semtech Corporation SC453TSTRT Datasheet HTML 5Page - Semtech Corporation SC453TSTRT Datasheet HTML 6Page - Semtech Corporation SC453TSTRT Datasheet HTML 7Page - Semtech Corporation SC453TSTRT Datasheet HTML 8Page - Semtech Corporation SC453TSTRT Datasheet HTML 9Page - Semtech Corporation SC453TSTRT Datasheet HTML 10Page - Semtech Corporation SC453TSTRT Datasheet HTML 11Page - Semtech Corporation SC453TSTRT Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
8
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC453
Device
Package
Temp Range(T
J)
SC453TSTRT
TSSOP-28
-40°C to + 125°C
SC453EVB
EVALUATION BOARD
Notes:
1. Only available in tape and reel packaging. A reel contains
2500 devices.
2. Lead-free package compliant with J-STD-020B. Qualified
to support maximum IR reflow temperature of 260°C for 30
seconds.
3. This device is ESD sensitive. Use of standard ESD handling
precautions is required.
4. All parameters subject to change without notice.
5. Lead-free product. This product is fully WEEE and RoHS
compliant.
Pin#
Pin Name
Pin Function
1
DRN
This pin connects to the junction of the switching and synchronous MOSFETs.
2
TG
Output gate drive for the switching (high-side) MOSFET.
3
BST
Bootstrap pin. A capacitor is connected between BST and DRN pins to develop
the floating bootstrap voltage for the high-side MOSFET.
4
SLP
Sleep logic input signal.
5
SLPV
Connect this pin to V
CCA to select "VID Sleep Mode". Otherwise, "SLPV Sleep Mode"
is selected and the voltage on this pin sets the DAC output during sleep.
6
BOOTV
The voltage on this pin sets the BOOT-Up voltage.
7
PG#
Start clock indicator - open drain output. Active low.
8
HYS
Core Comparator Hysteresis. Connect to ground thru an external resistor called R
HYS.
Hysteresis current is established by an internal V
REF voltage, 1.7V, divided by RHYS.
9
VID5
VID most significant bit main controller voltage programming DAC input.
10
VID4
VID input.
Pin Configuration
Ordering Information
Pin Descriptions
1
2
3
4
5
6
7
8
V5
DRN
TOP VIEW
(28 Pin TSSOP)
27
28
15
16
BG
TG
PGND
BST
EN
SLP
CL
SLPV
CMP
BOOTV
CLRF
PG#
VCCA
HYS
9
10
22
REFIN
VID5
GND
VID4
21
18
17
19
20
11
12
24
DAC
VID3
CORE
VID2
23
25
26
13
14
PG_DEL
VID1
SS
VID0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com