Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC453TSTRT Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC453TSTRT
Description  Portable, VID Programmed Single Phase Power Supply Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC453TSTRT Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC453TSTRT Datasheet HTML 11Page - Semtech Corporation SC453TSTRT Datasheet HTML 12Page - Semtech Corporation SC453TSTRT Datasheet HTML 13Page - Semtech Corporation SC453TSTRT Datasheet HTML 14Page - Semtech Corporation SC453TSTRT Datasheet HTML 15Page - Semtech Corporation SC453TSTRT Datasheet HTML 16Page - Semtech Corporation SC453TSTRT Datasheet HTML 17Page - Semtech Corporation SC453TSTRT Datasheet HTML 18Page - Semtech Corporation SC453TSTRT Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
15
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC453
In the second condition, because the hysteretic converter
responds in < 100ns, the capacitor does not droop very
far before the inductor current starts ramping up. (This is
not true of control schemes where time constants in the
error amplifier cause delays.) Once the inductor current
starts to rise, the increasing ∆V of the capacitor is offset
by reduced ∆V from the ESR, so ∆V is constant. If the ∆V
due to the charge taken from the capacitor before the in-
ductor current reaches the load current (note the shaded
area on the graph) is less than VPOS_TRANS, then the
transient response passes.
Since the highest output voltage has the most severe re-
quirements, any other modes are satisfied by a design op-
timized for the highest output voltage.
C.
For the second condition, we need to know the inductor
value, which is a function of the highest desired switching
frequency. The maximum frequency occurs at the high-
est input voltage. As a reasonable compromise between
efficiency and component size, a maximum switching fre-
quency of 350kHz is desired.
D.
E.
F.
Based on the following four factors: 1) minimum induc-
tance requirement; 2) device availability at the time we
designed the evaluation board; 3) low DCR ; 4) height and
package size consideration. Keep in mind, the choice you
make should be based upon the requirement of the con-
verter design, including minimum inductance, minimum
saturation current, efficiency, foot area, maximum allow-
able height, and of course, device availability. In the cur-
rent demo board design,
G.
This value of inductance is required up to maximum load.
Inductors with a “swinging choke” characteristic, where
the zero current value of inductance is much less than the
full load current inductance can be used, as long as the
above restriction is met. Then, the worst-case (low input
voltage) response time (the time for the current to reach
the new transient value) is:
H.
Add ~100ns for the propagation delay from a change at
the output to the MOSFET switch turning on in reaction.
Since the shaded area is triangular, the total charge taken
out of the capacitor = (dI / dt) / 2. Q = C / dV = (dI / dt) /
2, therefore;
I.
CMINP
IMAX_FL ILKGMAX
−
() dT 1 10 7
−
⋅
sec
⋅
+
(
)
⋅
VPOS_TRANS
:=
CMINP 4.278 10
4
−
×
F
=
This condition applies only to the positive transient.
LMIN dMIN
VINMAX VMAX_NL
−
() ESRMAX RCS
+
()
⋅
FS VRIPPLE
⋅
ESRMAX RCS
+
ESRMAX
⎛
⎜
⎝
⎞
⎠
⋅
⋅
:=
LMIN 5.422 10
7
−
×
H
=
dMIN
VMAX_NL
VINMAX
:=
Applications Information (Cont.)
ESRMAX
VPOS_TRANS
IMAX_FL ILKGMAX
−
(
)
:=
ESRMAX 3.333 10
3
−
×Ω
=
L1 0.60 μH
⋅
:=
FS 350K Hz
⋅
:=
dT
L1 IMAX_FL ILKGMAX
−
()
⋅
VINMIN VMAX_NL
−
:=
dT 1.326
10
6
−
×
s
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com