Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC453TSTRT Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC453TSTRT
Description  Portable, VID Programmed Single Phase Power Supply Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC453TSTRT Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC453TSTRT Datasheet HTML 7Page - Semtech Corporation SC453TSTRT Datasheet HTML 8Page - Semtech Corporation SC453TSTRT Datasheet HTML 9Page - Semtech Corporation SC453TSTRT Datasheet HTML 10Page - Semtech Corporation SC453TSTRT Datasheet HTML 11Page - Semtech Corporation SC453TSTRT Datasheet HTML 12Page - Semtech Corporation SC453TSTRT Datasheet HTML 13Page - Semtech Corporation SC453TSTRT Datasheet HTML 14Page - Semtech Corporation SC453TSTRT Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
11
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC453
Applications Information (Cont.)
SUPPLY, BIAS, UVLO, POWER GOOD GENERATOR
Supply
The chip is optimized to operate from a 5V ± 5% rail but
also designed to work up to 6V maximum supply voltage.
Under-Voltage Lock-Out Circuit
The Under-Voltage Lock-Out Circuit consists of compara-
tors which monitor the VCCA and V5 voltage levels. The
SC453 is in UVLO mode while either supply has not
ramped above the upper threshold or has dropped below
the lower threshold. During UVLO, the external FETs are
held off, tri-stating the output (DRN).
Over-Voltage Protection
If the CORE voltage is greater than +14% of the DAC (i.e.,
out of the power good window), the SC453 will latch off
and hold the low-side driver on permanently. Either the
power or EN must be recycled to clear the latch. The latch
is disabled during soft-start and VID/Sleep transitions.
For safety, the latch is enabled if the CORE voltage ex-
ceeds 2V even during VID/Sleep transitions.
Thermal Shutdown
The device will be disabled and latched off when the inter-
nal junction temperature reaches approximately 160°C.
Either the power or EN must be recycled to clear the
latch.
Band Gap Reference
A ± 0.85% precision Band Gap reference acts as the in-
ternal reference voltage standard of the chip, which all
critical biasing voltages and currents are derived from. All
references to VREF in the equations to follow will assume
VREF = 1.7V.
Precision DAC
This 6-bit digital-to-analog converter (DAC) serves as the
programmable reference source of the Core Comparator.
Programming is accomplished by logic voltage levels ap-
plied to the DAC inputs. The VID code vs. the DAC output
is shown in the following table. The accuracy of the VID
/DAC is maintained on the same level as the Band Gap
reference.
VID
V
DAC
VID
V
DAC
54
3
2
1
0
V
5
4
3
2
1
0
V
00000
0
1.708
1
0
0
0
00
1.196
00000
1
1.692
1
0
0
0
0
1
1.180
0000
1
0
1.676
1
0
0
0
1
0
1.164
0000
11
1.660
1
0
0
0
11
1.148
0
0
0
1
0
0
1.644
1
0
0
1
0
0
1.132
0
0
0
1
0
1
1.628
1
0
0
1
0
1
1.116
0
0
0
1
1
0
1.612
1
0
0
1
1
0
1.100
0
0
0
1
1
1
1.596
1
0
0
1
1
1
1.084
0
0
1
0
0
0
1.580
1
0
1
0
0
0
1.068
0
0
1
0
0
1
1.564
1
0
1
0
0
1
1.052
0
0
1
0
1
0
1.548
1
0
1
0
1
0
1.036
0
0
1
0
1
1
1.532
1
0
1
0
1
1
1.020
0
0
1
1
0
0
1.516
1
0
1
1
0
0
1.004
0
0
1
1
0
1
1.500
1
0
1
1
0
1
0.988
00
111
0
1.484
1
0
111
0
0.972
00
1111
1.468
1
0
1111
0.956
0
1
000
0
1.452
1
1
0
0
00
0.940
0
1
0
0
0
1
1.436
1
1
0
0
0
1
0.924
0
1
0
0
1
0
1.420
1
1
0
0
1
0
0.908
0
1
0
0
1
1
1.404
1
1
0
0
1
1
0.892
0
1
0
1
0
0
1.388
1
1
0
1
0
0
0.876
0
1
0
1
0
1
1.372
1
1
0
1
0
1
0.860
0
1
0
1
1
0
1.356
1
1
0
1
1
0
0.844
0
1
0
1
1
1
1.340
1
1
0
1
1
1
0.828
0
1
1
0
0
0
1.324
1
1
1
0
0
0
0.812
0
1
1
0
0
1
1.308
1
1
1
0
0
1
0.796
0
1
1
0
1
0
1.292
1
1
1
0
1
0
0.780
0
1
1
0
1
1
1.276
1
1
1
0
1
1
0.764
0
1
1
1
0
0
1.260
1
1
1
1
0
0
0.748
0
1
1
1
0
1
1.244
1
1
1
1
0
1
0.732
0
1
111
0
1.228
1
1
111
0
0.716
0
1
1111
1.212
1
1
1111
0.700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com