Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC453TSTRT Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC453TSTRT
Description  Portable, VID Programmed Single Phase Power Supply Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC453TSTRT Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC453TSTRT Datasheet HTML 5Page - Semtech Corporation SC453TSTRT Datasheet HTML 6Page - Semtech Corporation SC453TSTRT Datasheet HTML 7Page - Semtech Corporation SC453TSTRT Datasheet HTML 8Page - Semtech Corporation SC453TSTRT Datasheet HTML 9Page - Semtech Corporation SC453TSTRT Datasheet HTML 10Page - Semtech Corporation SC453TSTRT Datasheet HTML 11Page - Semtech Corporation SC453TSTRT Datasheet HTML 12Page - Semtech Corporation SC453TSTRT Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC453
Pin Configuration
Pin Descriptions (Cont.)
Pin#
Pin Name
Pin Function
11
VID3
VID input.
12
VID2
VID input.
13
VID1
VID input.
14
VID0
VID least significant bit main controller voltage programming DAC input.
15
SS
Soft-start. An external cap defines the soft-start ramp.
16
PG_DEL
Delayed power good - open drain output. When the Main Converter Output approaches
and stays within ± 14% of the VID_DAC setting, and the t
CPU_PWRGD period has terminated.
This signal is pulled high by an external resistor.
17
CORE
Main CORE converter output feedback to the power good generator. A small RC filter
should be used to filter out any HF component to prevent faulty trip condition.
18
DAC
Main controller digital-to-analog output.
19
GND
Analog ground.
20
REFIN
Core Comparator reference input pin. Connect to DAC.
21
VCCA
5V supply for precision analog circuitry.
22
CLRF
Current limit reference input pin
23
CMP
Core Comparator input pin.
24
CL
Current limit input pin.
25
EN
Enable - active high. This is capable of accepting a 5.0V signal level.
26
PGND
Power ground. Connect to the synchronous FET power ground.
27
BG
Output drive for the synchronous (low-side) FET.
28
V5
5VDC supply for the driver. A capacitor should be connected from V5 to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com