Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC453TSTRT Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC453TSTRT
Description  Portable, VID Programmed Single Phase Power Supply Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC453TSTRT Datasheet(HTML) 1 Page - Semtech Corporation

  SC453TSTRT Datasheet HTML 1Page - Semtech Corporation SC453TSTRT Datasheet HTML 2Page - Semtech Corporation SC453TSTRT Datasheet HTML 3Page - Semtech Corporation SC453TSTRT Datasheet HTML 4Page - Semtech Corporation SC453TSTRT Datasheet HTML 5Page - Semtech Corporation SC453TSTRT Datasheet HTML 6Page - Semtech Corporation SC453TSTRT Datasheet HTML 7Page - Semtech Corporation SC453TSTRT Datasheet HTML 8Page - Semtech Corporation SC453TSTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
www.semtech.com
1
POWER MANAGEMENT
Portable, VID Programmed Single
Phase Power Supply Controller
SC453
High Speed Hysteretic Controller
Single Phase Operation
Selectable Analog or VID Controlled Sleep Setting
6 Bit VID programmable Output
Integrated Drivers with Soft-High Side Turn-On
Programmable Soft-Start
Programmable Boot Voltage
Programmable Sleep Voltage with Sleep Mode
Under-Voltage Lockout on VCCA
Over-voltage Protection on CORE
Current Limit Protection on CORE
Thermal Protection
Power Good Flag with Blanking During
V
CORE Changes
Automatic Power Save at Light Load
TSSOP-28 Package
August 25, 2006
Description
Features
The SC453 IC is a single chip high-performance Hysteretic
PWM controller. With its integrated SmartDriver™, it pow-
ers advanced graphics and core processors. It provides
sleep mode and boot voltage support. Automatic "power-
save" is present to prevent negative current flow in the
low-side FET during light loading conditions saving even
more power. The high side driver initially turns on with a
weak drive to reduce ringing, EMI, and capacitive turn-on
of the low side.
A 6-bit DAC, accurate to 0.85%, sets the output voltage
reference, and implements the 0.700V to 1.708V range
required by the processor. The hysteretic converter uses a
comparator without an error amplifier, and therefore pro-
vides the fastest possible transient response, while avoid-
ing the stability issues inherent to classical PWM control-
lers. The DAC is externally slew rate limited to minimize
transient currents and audible noise.
The SC453 operates from 5VDC and also features soft-
start, an open-drain PWRGD signal with power good blank-
ing, and an enable input. Programmable current limiting
shuts down the SC453 after 32 current limit pulses.
Low Power Notebook and Laptop Computers
Embedded Applications
Typical Application Circuit
Applications
Features
PowerStep IV™ and Smart Driver™ are trademarks
of Semtech Corporation.
SC453 Single Phase
Power Supply
Smart
Driver
PWM
Controller
VID Logic
and DAC
VID (5:0)
VIN
V
5
V
CCA
VCORE
0.700V-1.708V


Similar Part No. - SC453TSTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC453TSTRT SEMTECH-SC453TSTRT Datasheet
343Kb / 26P
Portable, VID Programmed Single Phase Power Supply Controller
More results

Similar Description - SC453TSTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1406 SEMTECH-SC1406 Datasheet
109Kb / 11P
PORTABLE PENTIUM II & III POWER SUPPLY CONTROLLER
SC1406A SEMTECH-SC1406A Datasheet
175Kb / 17P
PORTABLE PENTIUM II & III POWER SUPPLY CONTROLLER
SC1474 SEMTECH-SC1474 Datasheet
121Kb / 1P
Portable Pentium Dual Phase Power Supply Controller
SC1476 SEMTECH-SC1476 Datasheet
88Kb / 1P
Portable IMVP-IV Dual Phase Power Supply Controller
SC450 SEMTECH-SC450 Datasheet
89Kb / 1P
Portable IMVP-IV??and IMVP4??Dual Phase Power Supply Controller
SC451 SEMTECH-SC451 Datasheet
25Kb / 1P
Portable IMVP-IV??and IMVP-IV??Single Phase Power Supply Controller
SC453 SEMTECH-SC453_09 Datasheet
343Kb / 26P
Portable, VID Programmed Single Phase Power Supply Controller
logo
Richtek Technology Corp...
RT8113 RICHTEK-RT8113 Datasheet
366Kb / 21P
Single Phase VR11.1 PWM Controller with 7-bit VID
logo
Samtec, Inc
SC1474TSTRT SAMTEC-SC1474TSTRT Datasheet
128Kb / 1P
Portable Pentium짰 Dual Phase Power Supply Controller
logo
Semtech Corporation
SC450ITSTRT SEMTECH-SC450ITSTRT Datasheet
82Kb / 1P
Portable IMVP-IV and IMVP4 Dual Phase Power Supply Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com