Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2620 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC2620
Description  Dual 2A, 30V Step-down Regulator with Programmable Frequency up to 1.4MHz
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2620 Datasheet(HTML) 5 Page - Semtech Corporation

  SC2620 Datasheet HTML 1Page - Semtech Corporation SC2620 Datasheet HTML 2Page - Semtech Corporation SC2620 Datasheet HTML 3Page - Semtech Corporation SC2620 Datasheet HTML 4Page - Semtech Corporation SC2620 Datasheet HTML 5Page - Semtech Corporation SC2620 Datasheet HTML 6Page - Semtech Corporation SC2620 Datasheet HTML 7Page - Semtech Corporation SC2620 Datasheet HTML 8Page - Semtech Corporation SC2620 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
5
 2006 Semtech Corp.
www.semtech.com
SC2620
POWER MANAGEMENT
Block Diagrams
PGOOD1
COMP1
TRANSISTOR
ROSC
PVIN1
4
FB1
SW1
EA
R
Q
S
PWM
-
+
+
-
POWER
SLOPE
COMP 1
+
+
+
-
ISEN
ILIM
+
-
20mV
Σ
6.3m
Ω
BOOST1
SS1
OSCILLATOR
CLK2
CLK1
FREQUENCY
DIVIDER
SLOPE COMP
SLOPE
COMP 2
SLOPE
COMP 1
SS2
REFERENCE
& THERMAL
SHUTDOWN
1V
FAULT
OVLD
Soft-Start
And
Overload
Hiccup
Control 1
0.7V
FB1
POWER
GOOD
-
+
100mV
2
3
1
13
GND
11
10
14
16
15
CHANNEL 1 ONLY
VIN
12
Figure 2. SC2620 Block Diagram (Channel 1)
FAULT
SS
OVLD
1V/2V
S
Q
R
+
-
1.8
µA
2.6
µA
FB
0.7V
Figure 3. Details of the Soft-Start and Overload Hiccup Control Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com