Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2620 Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC2620
Description  Dual 2A, 30V Step-down Regulator with Programmable Frequency up to 1.4MHz
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2620 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC2620 Datasheet HTML 7Page - Semtech Corporation SC2620 Datasheet HTML 8Page - Semtech Corporation SC2620 Datasheet HTML 9Page - Semtech Corporation SC2620 Datasheet HTML 10Page - Semtech Corporation SC2620 Datasheet HTML 11Page - Semtech Corporation SC2620 Datasheet HTML 12Page - Semtech Corporation SC2620 Datasheet HTML 13Page - Semtech Corporation SC2620 Datasheet HTML 14Page - Semtech Corporation SC2620 Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
11
 2006 Semtech Corp.
www.semtech.com
SC2620
POWER MANAGEMENT
f
)
69
.
0
)(
2
.
0
V
(
)
25
.
0
V
V
)(
45
.
0
V
(
L
IN
OUT
In
OUT
+
−
−
+
=
(4)
where L is in
µH and f is in MHz.
Equation (3) shows that for a given
,
V
OUT
L
I
∆ increases as
D decreases. If
IN
V varies over a wide range, then choose
L based on the nominal input voltage. Always verify
converter operation at the input voltage extremes.
The peak current limits of both SC2620 power transistors
are internally set at 3.2A. The peak current limits are duty-
cycle invariant and are guaranteed higher than 2.3A. The
maximum load current is therefore conservatively:
2
I
A
3
.
2
2
I
I
I
L
L
LM
)
MAX
(
OUT
∆
−
=
∆
−
=
(5)
If
LM
L
I
3
.
0
I
⋅
=
∆
, then
LM
LM
LM
L
LM
)
MAX
(
OUT
I
85
.
0
2
I
3
.
0
I
2
I
I
I
⋅
=
−
=
∆
−
=
.
The saturation current of the inductor should be 20-30%
higher than the peak current limit (2.3A). Low-cost powder
iron cores are not suitable for high-frequency switching
power supplies due to their high core losses. Inductors
with ferrite cores should be used.
Power Line Input Capacitor
A buck converter draws pulse current with peak-to-peak
amplitude equal to its output current I
OUT from its input
supply. An input capacitor placed between the supply and
the buck converter filters the AC current and keeps the
current drawn from the supply to a DC constant. The input
capacitance C
IN should be high enough to filter the pulse
input current. Its equivalent series resistance (ESR) should
be low so that power dissipated in the capacitor does not
result in significant temperature rise and degrade reliability.
For a single channel buck converter, the RMS ripple current
in the input capacitor is
)
D
1
(
D
I
I
OUT
RMS
)
CIN
(
−
=
.
(6)
Applications Information
Power dissipated in the input capacitor is
)
ESR
(
I2
RMS
)
CIN
(
⋅
.
Equation (6) has a maximum value of
2
I
OUT ( at
2
1
D
= ),
corresponding to the worst-case power dissipation
4
ESR
I2
OUT ⋅
in C
IN.
A dual-channel step-down converter with interleaved
switching reduces the RMS ripple current in the input
capacitor to a fraction of that of a single-phase buck
converter. If both power transistors in the SC2620 were
to switch on in phase, the current drawn by the SC2620
would consist of current pulses with amplitude equal to
the sum of the channel output currents. If each channel
were delivering I
OUT and operating at 50% duty cycle, then
the input current would switch from zero to 2I
OUT. The RMS
ripple current in the input capacitor would then be I
OUT.
Power dissipated in C
IN would be
ESR
I2
OUT ⋅
, 4 times that
of a single-channel converter. The SC2620 produces the
highest RMS ripple current in C
IN when only one channel is
running and delivering the maximum output current (2A).
The input capacitor therefore should have a RMS ripple
current rating of at least 1A.
Multi-layer ceramic capacitors, which have very low ESR
(a few m
Ω) and can easily handle high RMS ripple current,
are the ideal choice for input filtering. A single 4.7
µF or
10
µF X5R ceramic capacitor is adequate. For high voltage
applications, a small ceramic (1
µF or 2.2µF) can be placed
in parallel with a low ESR electrolytic capacitor to satisfy
both the ESR and bulk capacitance requirements.
Output Capacitor
The output ripple voltage
∆V
OUT of a buck converter can be
expressed as


+
∆
=
∆
OUT
L
OUT
fC
8
1
ESR
I
V
(7)
where C
OUT is the output capacitance.
Inductor ripple current
∆I
L increases as D decreases
(Equation (3)). The output ripple voltage is therefore the
highest when V
IN is at its maximum. The first term in (7)
results from the ESR of the output capacitor while the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com