Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2620 Datasheet(PDF) 22 Page - Semtech Corporation

Part # SC2620
Description  Dual 2A, 30V Step-down Regulator with Programmable Frequency up to 1.4MHz
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2620 Datasheet(HTML) 22 Page - Semtech Corporation

Back Button SC2620 Datasheet HTML 18Page - Semtech Corporation SC2620 Datasheet HTML 19Page - Semtech Corporation SC2620 Datasheet HTML 20Page - Semtech Corporation SC2620 Datasheet HTML 21Page - Semtech Corporation SC2620 Datasheet HTML 22Page - Semtech Corporation SC2620 Datasheet HTML 23Page - Semtech Corporation SC2620 Datasheet HTML 24Page - Semtech Corporation SC2620 Datasheet HTML 25Page - Semtech Corporation SC2620 Datasheet HTML 26Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
22
 2006 Semtech Corp.
www.semtech.com
SC2620
POWER MANAGEMENT
Suggested PCB Layout for the SC2620.
Figure 15.
C2
L2
D3
L1
C15
D4
D1
D2
C1
C3
R3
R4
C9
R7
C8
C16
C7
C6
R5
C5
C10
R6
R9
R10
R1
R2
C4
R20
GND
GND
AGND
OUT2
OUT1
IN
IN or OUT1
IN
U1
C2
L2
D3
L1
C15
D4
D1
D2
C1
C3
R3
R4
C9
R7
C8
C16
C7
C6
R5
C5
C10
R6
R9
R10
R1
R2
C4
R20
GND
GND
AGND
OUT2
OUT1
IN
IN or OUT1
IN
U1
start capacitors and the VIN filtering capacitor C
16 are to
be tied to the analog ground. The frequency-setting resistor
R
9 is placed next to the ROSC pin and is also connected to
the analog ground. R
20 is a 0Ω resistor that connects the
analog ground to the power ground at a single point.
Applications Information
The exposed pad should be soldered to a large analog
ground plane as the analog ground copper acts as a heat
sink for the device. To ensure proper adhesion to the
ground plane, avoid using vias directly under the device.
In figure 15 two 12mil vias are placed at the edge of the
underside pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com