Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2620 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC2620
Description  Dual 2A, 30V Step-down Regulator with Programmable Frequency up to 1.4MHz
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2620 Datasheet(HTML) 1 Page - Semtech Corporation

  SC2620 Datasheet HTML 1Page - Semtech Corporation SC2620 Datasheet HTML 2Page - Semtech Corporation SC2620 Datasheet HTML 3Page - Semtech Corporation SC2620 Datasheet HTML 4Page - Semtech Corporation SC2620 Datasheet HTML 5Page - Semtech Corporation SC2620 Datasheet HTML 6Page - Semtech Corporation SC2620 Datasheet HTML 7Page - Semtech Corporation SC2620 Datasheet HTML 8Page - Semtech Corporation SC2620 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1
www.semtech.com
SC2620
Dual 2A, 30V Step-down Regulator with
Programmable Frequency up to 1.4MHz
POWER MANAGEMENT
Revision: December 20th, 2006
Description
Features
Applications
Typical Application Circuit
Wide Input Voltage Range 2.8V to 30V
Up to 1.4MHz/Channel Programmable Switching
Frequency
Current-mode Control
Out of Phase Switching Reduces Ripple
Cycle-by-cycle Current-limiting
Independent Shutdown/soft-start Pins
Independent Hiccup Overload Protection
Channel 1 Power Good Indicator
Two 2.3A Integrated Switches
Thermal Shutdown
Thermally Enhanced SO-16 Lead Free Package
Fully WEEE and RoHS Compliant
The SC2620 is a constant frequency dual current-mode
switching regulator with integrated 2.3A, 30V switches.
Its switching frequency can be programmed up to 1.4MHz
per channel. Due to the SC2620’s high frequency
operation, small inductors and ceramic capacitors can be
used, resulting in very compact power supplies. The two
channels of the SC2620 operate at 180° out of phase for
reduced input voltage ripples.
Separate soft start/enable pins allow independent control
of each channel. Channel 1 power good indicator can be
used for output start up sequencing to prevent latch-up.
Current-mode PWM control achieves fast transient
response with simple loop compensation. Cycle-by-cycle
current limiting and hiccup overload protection reduce
power dissipation during overload.
XDSL and Cable Modems
Set-top Boxes
Point of Load Applications
CPE Equipment
DSP Power Supplies
C15
10
µF
SC2620
GND
SS2
PVIN
SW1
FB2
COMP2
C9
33pF
R7
10.5k
BOOST1
C1
22
µF
BOOST2
SW2
L1
10
µH
C2
0.1
µF
L2
6.8
µH
C4
0.1
µF
PGOOD1
SS1
COMP1
FB1
C3
22
µF
D1
UPS120
D2
UPS120
1.2V/2A
13k
R4
R3
2.61k
13k
R2
R1
30.1k
C7
22nF
C10
22nF
C8
4.7nF
C6
47pF
R5
12.7k
C5
1.5nF
D4
1N4148
L1 & L2: Coiltr onics DR73
OUT2
OUT1
3.3V/2A
D3
1N4148
9V-16V VIN
VIN
ROSC
R9
46.4k
10
R10
C16
0.1
µF
C1 & C3: Murata GRM21BR60J 226M
C15: Murata GRM32DR61E106K
Figure 1(a). 550kHz 9V-16V V
IN to 3.3V and 1.2V Step-
down Converter.
Channel 1 reaches regulation.
Figure 1(b). V
IN Start-up Transient (IOUT1= 1.5A, IOUT2=
4ms/div
CH1 : OUT1 Voltage, 2V/div
CH2 : OUT2 Voltage, 1V/div
CH3 : SS2 Voltage, 2V/div
CH1
CH2
CH3
V
IN
= 1 2 V
0.8A). Channel 2 start is delayed until


Similar Part No. - SC2620

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2620 SEMTECH-SC2620 Datasheet
536Kb / 26P
Dual 2A, 30V Step-down Regulator with Programmable Frequency up to 1.4MHz
SC2620EVB SEMTECH-SC2620EVB Datasheet
536Kb / 26P
Dual 2A, 30V Step-down Regulator with Programmable Frequency up to 1.4MHz
SC2620SETRT SEMTECH-SC2620SETRT Datasheet
536Kb / 26P
Dual 2A, 30V Step-down Regulator with Programmable Frequency up to 1.4MHz
SC2620 SEMTECH-SC2620_08 Datasheet
536Kb / 26P
Dual 2A, 30V Step-down Regulator with Programmable Frequency up to 1.4MHz
More results

Similar Description - SC2620

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4524 SEMTECH-SC4524 Datasheet
1Mb / 21P
Programmable Frequency, 2A Output 30V Step-Down Switching Regulator
SC2620 SEMTECH-SC2620_08 Datasheet
536Kb / 26P
Dual 2A, 30V Step-down Regulator with Programmable Frequency up to 1.4MHz
logo
Global Mixed-mode Techn...
G5699 GMT-G5699 Datasheet
100Kb / 1P
Dual 1.4MHz, 1A Synchronous Step-Down Regulator
logo
Semtech Corporation
SC2440A SEMTECH-SC2440A Datasheet
4Mb / 28P
Dual 30V Step-Down Switching Regulator with 2A Switches
logo
SG Micro Corp
SGM6232 SGMICRO-SGM6232_17 Datasheet
1Mb / 14P
2A, 38V, 1.4MHz Step-Down Converter
logo
Feeling Technology Corp...
FP6186 FEELING-FP6186 Datasheet
622Kb / 17P
2A, 23V, 1.4MHz Step-Down Converter
logo
Shenzhen Huazhimei Semi...
HM1482D HMSEMI-HM1482D Datasheet
1Mb / 7P
30V 2A Synchronous Step-Down Regulator
HM8112 HMSEMI-HM8112 Datasheet
1Mb / 7P
30V 1.2A 1.4MHz Synchronous Step-Down Regulator
HM8114 HMSEMI-HM8114 Datasheet
1Mb / 7P
30V 2A 500KHz Synchronous Step-Down Regulator
logo
Unisonic Technologies
UD24202 UTC-UD24202 Datasheet
257Kb / 5P
2A, 24V, 1.4MHz STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com