Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2620 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC2620
Description  Dual 2A, 30V Step-down Regulator with Programmable Frequency up to 1.4MHz
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2620 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC2620 Datasheet HTML 6Page - Semtech Corporation SC2620 Datasheet HTML 7Page - Semtech Corporation SC2620 Datasheet HTML 8Page - Semtech Corporation SC2620 Datasheet HTML 9Page - Semtech Corporation SC2620 Datasheet HTML 10Page - Semtech Corporation SC2620 Datasheet HTML 11Page - Semtech Corporation SC2620 Datasheet HTML 12Page - Semtech Corporation SC2620 Datasheet HTML 13Page - Semtech Corporation SC2620 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
10
 2006 Semtech Corp.
www.semtech.com
SC2620
POWER MANAGEMENT
that the minimum on time is about 105ns at room
temperature (Figure 5). The power switch in the SC2620
is either not turned on at all or for at least T
ON(MIN). If the
required switch on time (=
f
D
) is shorter than the minimum
on time, the regulator will either skip cycles or it will jitter.
Example: Determine the maximum operating frequency
of a dual 24V to 1.2V and 24V to 3.3V switching regulator
using the SC2620.
Assuming that V
D = 0.45V, VCESAT = 0.25V and VIN = 26.4V
(10% high line), the corresponding duty ratios, D
1 and D2,
of the 1.2V and 3.3V converters can be calculated using
(2).
062
.
0
25
.
0
45
.
0
4
.
26
45
.
0
2
.
1
D
1
=
−
+
+
=
14
.
0
25
.
0
45
.
0
4
.
26
45
.
0
3
.
3
D
2
=
−
+
+
=
To allow for transient headroom, the minimum operating
switch on time should be at least 30% higher than the
worst-case minimum on time exhibited in Figure 5.
Designing for a switch on time of 150ns at
V
4
.
26
V
IN =
,
the maximum operating frequency of the 24V to 1.2V and
3.3V converter is
kHz
410
ns
150
D
1
=
.
Minimum Off Time Limitation
The PWM latch in Figure 2 is reset every period by the
clock. The clock also turns off the power transistor to refresh
the bootstrap capacitor. This minimum off time limits the
attainable duty cycle of the regulator at a given switching
frequency. The measured minimum off time is 120ns. For
a step-down converter, D increases with increasing
IN
OUT
V
V
ratio. If the required duty cycle is higher than the attainable
maximum, then the output voltage will not be able to reach
its set value in continuous-conduction mode.
Applications Information
Example: Determine the maximum operating frequency of
a dual 5V to 1.5V and 5V to 4V switching regulator using
the SC2620.
Assuming that V
D = 0.45V, VCESAT = 0.25V and VIN = 4.5V
(10% low line), the duty ratios
1
D and
2
D of the 1.5V and
4V converters can be calculated using (2).
42
.
0
25
.
0
45
.
0
5
.
4
45
.
0
5
.
1
D
1
=
−
+
+
=
95
.
0
25
.
0
45
.
0
5
.
4
45
.
0
4
D
2
=
−
+
+
=
.
The maximum operating channel frequency of the dual
1.5V and the 4V converter is therefore
kHz
410
ns
120
D
1
2
=
−
.
Transient headroom requires that channel frequency be
lower than 410kHz.
Inductor Selection
The inductor ripple current
∆I
L for a non-synchronous step-
down converter in continuous-conduction mode is
fL
)
V
V
V
(
)
V
V
V
)(
V
V
(
fL
)
D
1
)(
V
V
(
I
CESAT
D
IN
CESAT
OUT
IN
D
OUT
D
OUT
L
−
+
−
−
+
=
−
+
=
∆
(3)
where f is the switching frequency and L is the inductance.
In current-mode control, the slope of the modulating
(sensed switch current) ramp should be steep enough to
lessen jittery tendency but not so steep that large flux
swing decreases efficiency. Inductor ripple current
∆I
L
between 25-40% of the peak inductor current limit is a
good compromise. Inductors so chosen are optimized in
size
and
DCR.
Setting
A
69
.
0
)
3
.
2
(
3
.
0
I
L
=
=
∆
,
V
45
.
0
V
D =
and
V
25
.
0
V
CESAT =
in (3),



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com