Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2620 Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC2620
Description  Dual 2A, 30V Step-down Regulator with Programmable Frequency up to 1.4MHz
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2620 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC2620 Datasheet HTML 8Page - Semtech Corporation SC2620 Datasheet HTML 9Page - Semtech Corporation SC2620 Datasheet HTML 10Page - Semtech Corporation SC2620 Datasheet HTML 11Page - Semtech Corporation SC2620 Datasheet HTML 12Page - Semtech Corporation SC2620 Datasheet HTML 13Page - Semtech Corporation SC2620 Datasheet HTML 14Page - Semtech Corporation SC2620 Datasheet HTML 15Page - Semtech Corporation SC2620 Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
12
 2006 Semtech Corp.
www.semtech.com
SC2620
POWER MANAGEMENT
Applications Information
second term is due to the charging and discharging of
C
OUT by the inductor ripple current. Substituting ∆IL =
0.69A, f = 500kHz and C
OUT = 22µF ceramic with ESR =
2m
Ω in (7),
mV
2
.
9
mV
8
.
7
mV
4
.
1
)
m
4
.
11
m
2
(
A
69
.
0
V
OUT
=
+
=
Ω
+
Ω
⋅
=
∆
Depending on operating frequency and the type of
capacitor, ripple voltage resulting from charging and
discharging of C
OUT may be higer than that due to ESR. A
10
µF to 47µF X5R ceramic capacitor is found adequate
for output filtering in most applications. Ripple current in
the output capacitor is not a concern because the inductor
current of a buck converter directly feeds C
OUT, resulting in
very low ripple current. Avoid using Z5U and Y5V ceramic
capacitors for output filtering because these types of
capacitors have high temperature and high voltage
coefficients.
Freewheeling Diode
Use of Schottky barrier diodes as freewheeling rectifiers
reduces diode reverse recovery input current spikes, easing
high-side current sensing in the SC2620. These diodes
should have an average forward current rating between
1A and 2A and a reverse blocking voltage of at least a few
volts higher than the input voltage. For switching regulators
operating at low duty cycles (i.e. low output voltage to
input voltage conversion ratios), it is beneficial to use
freewheeling diodes with somewhat higher average current
ratings (thus lower forward voltages). This is because the
diode conduction interval is much longer than that of the
transistor. Converter efficiency will be improved if the
voltage drop across the diode is lower.
The freewheeling diodes should be placed close to the SW
pins of the SC2620 to minimize ringing due to trace
inductance. 10BQ015, 20BQ030 (International Rectifier),
MBRM120LT3 (ON Semi), UPS120 and UPS140 (Micro-
Semi) are all suitable.
Bootstrapping the Power Transistors
To maximize efficiency, the turn-on voltage across the
internal power NPN transistors should be minimized. If
these transistors are to be driven into saturation, then
their bases will have to be driven from a power supply
higher in voltage than V
IN. The required driver supply
voltage (at least 2.5V higher than the SW voltage over the
industrial temperature range) is generated with a bootstrap
circuit (the diode D
BST and the capacitor CBST in Figure 7).
The bootstrapped output (the common node between D
BST
and C
BST) is connected to the BOOST pin of the SC2620.
The power transistor in the SC2620 is first switched on to
build up current in the inductor. When the transistor is
switched off, the inductor current pulls the SW node low,
allowing C
BST to be charged through DBST. When the power
switch is again turned on, the SW voltage goes high. This
brings the BOOST voltage to
BST
C
SW
V
V
+
, thus back-biasing
D
BST. CBST voltage increases with each subsequent switching
cycle, as does the bootstrapped voltage at the BOOST pin.
After a number of switching cycles, C
BST will be fully charged
to a voltage approximately equal to that applied to the
anode of D
BST. Figure 6 shows the typical minimum BOOST
to SW voltage required to fully saturate the power transistor.
This differential voltage (
BST
C
V
=
) must be at least 1.8V at
room temperature. This is also specified in the “Electrical
Characteristics” as “Minimum Bootstrap Voltage”. The
minimum required V
CBST increases as temperature
decreases. The bootstrap circuit reaches equilibrium when
the base charge drawn from C
BST during transistor on time
is equal to the charge replenished during the off interval.
Minimum Bootstrap Voltage
vs Temperature
1.4
1.6
1.8
2.0
2.2
2.4
-50
-25
0
25
50
75
100
Temperature (°C)
Figure 6. Typical Minimum Bootstrap Voltage Re-
quired to Maintain Saturation at I
SW = 2A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com