Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2620 Datasheet(PDF) 21 Page - Semtech Corporation

Part # SC2620
Description  Dual 2A, 30V Step-down Regulator with Programmable Frequency up to 1.4MHz
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2620 Datasheet(HTML) 21 Page - Semtech Corporation

Back Button SC2620 Datasheet HTML 17Page - Semtech Corporation SC2620 Datasheet HTML 18Page - Semtech Corporation SC2620 Datasheet HTML 19Page - Semtech Corporation SC2620 Datasheet HTML 20Page - Semtech Corporation SC2620 Datasheet HTML 21Page - Semtech Corporation SC2620 Datasheet HTML 22Page - Semtech Corporation SC2620 Datasheet HTML 23Page - Semtech Corporation SC2620 Datasheet HTML 24Page - Semtech Corporation SC2620 Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
21
 2006 Semtech Corp.
www.semtech.com
SC2620
POWER MANAGEMENT
Applications Information
For the 1.2V channel:
Ω
=
×
⋅
⋅
⋅
×
⋅
×


+
=
−
−
k
12
.
4
)
10
8
.
2
(
)
8
(
)
1
(
10
10
22
10
5
.
3
k
13
k
61
.
2
1
R
4
6
6
7
nF
9
.
3
10
5
.
5
2
k
12
.
4
60
C
5
8
=
×
⋅
π
⋅
≈
pF
150
)
10
12
.
4
(
)
10
550
(
1
C
3
3
9
≈
×
⋅
×
⋅
π
≈
Bench measurement shows that compensation
components computed from our simplified linear model
give very good load transient response for Channel 1 (Figure
13(a)). However, optimizing load transient for Channel 2
will require a set of compensation component values
different from those calculated above. Loop compensation
networks shown in Figure 1(a) are empirically optimized
for load transients. Figures 13(a) and 13(b) show the
corresponding load transient responses.
Board Layout Considerations
In a step-down switching regulator, the input bypass
capacitor, the main power switch and the freewheeling
diode carry discontinuous currents with high
dt
di
(Figure
14). For jitter-free operation, the size of the loop formed
by these components should be minimized. Since the power
switches are already integrated within the SC2620,
connecting the anodes of both freewheeling diodes close
to the negative terminal of the input bypass capacitor
minimizes size of the switched current loop. The input
bypass capacitors should be placed close to the PVIN pins.
Shortening the traces of the SW and BOOST nodes reduces
the parasitic trace inductance at these nodes. This not
only reduces EMI but also decreases switching voltage
spikes at these nodes.
The PVIN bypass capacitor C
15, the output filtering
capacitors and the freewheeling diodes are to be grounded
on the power ground plane (Figure 15). The feedback
resistive dividers, the compensation networks, the soft-
IN
V
OUT
V
L
Z
Fast Switching Current Paths in a Buck
Regulator. Minimize the size of this loop
to reduce parasitic trace inductance.
Figure 14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com