Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2620 Datasheet(PDF) 18 Page - Semtech Corporation

Part # SC2620
Description  Dual 2A, 30V Step-down Regulator with Programmable Frequency up to 1.4MHz
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2620 Datasheet(HTML) 18 Page - Semtech Corporation

Back Button SC2620 Datasheet HTML 14Page - Semtech Corporation SC2620 Datasheet HTML 15Page - Semtech Corporation SC2620 Datasheet HTML 16Page - Semtech Corporation SC2620 Datasheet HTML 17Page - Semtech Corporation SC2620 Datasheet HTML 18Page - Semtech Corporation SC2620 Datasheet HTML 19Page - Semtech Corporation SC2620 Datasheet HTML 20Page - Semtech Corporation SC2620 Datasheet HTML 21Page - Semtech Corporation SC2620 Datasheet HTML 22Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
18
 2006 Semtech Corp.
www.semtech.com
SC2620
POWER MANAGEMENT
Applications Information
If C
1 is ceramic, then its ESR zero can be neglected as it
situates well beyond half the switching frequency. The low
frequency gain of the control-to-output transfer function is
simply the product of power stage transconductance and
the equivalent load resistance (Figure 12).
The transfer functions of the feedback network and the
error amplifier are:
() 

+
+


+
=
11
2
1
1
11
2
1
2
OUT
FB
C
R
R
s
1
R
sC
1
R
R
R
v
v
(9)
and
()
() (
)
5
6
O
5
5
5
O
MA
FB
COMP
R
sC
1
R
sC
1
R
sC
1
R
G
v
v
+
⋅
+
+
≈
(10)
provided that
6
5
C
C
>>
and
5
O
R
R
>>
.
In Equation (10), C
5 forms a low frequency pole p1 with the
output resistance R
O of the error amplifier and C6 forms a
high frequency pole p
3 with R5:
Ω
=
Ω
µ
=
=
−
M
6
.
1
280
dB
53
ce
tan
c
Transcondu
Gain
Loop
Open
Amplifier
R
1
O
5
O
1
p
C
R
1
−
=
ω
6
5
3
p
C
R
1
−
=
ω
In addition C
5 and R5 form a zero with angular frequency:
5
5
1
Z
C
R
1
−
=
ω
The
output-to-control
transfer
function
OUT
FB
FB
COMP
OUT
COMP
v
v
v
v
v
v
⋅
=
is also shown in Figure 12. Its mid-
band gain (between z
1 and p3) is


+
2
1
2
5
MA
R
R
R
R
G
. The
overall loop gain T(s) is the product of the control-to-output
and the output-to-control transfer functions. To simplify
)
j
(
T
ω Bode plot, the feedback network is assumed to be
resistive. If the overall loop gain is to cross 0dB at one
tenth of the switching frequency (
5
f
10
S
C
π
=
ω
=
ω
) at –20dB/
decade, then its mid-band gain (between z
1 and p2) will
be
n
10
R
C
R
C
n
10
OUT
1
S
OUT
1
S
2
p
C
ω
=
ω
=
ω
ω
POWER
STAGE
GMP = 8
Ω
REFERENCE
VOLTAGE
1V
+
-
R5
C5
C6
RO
R2
R1
FB
C11
ESR
C1
ROUT
VOUT
VIN
I OUT
-1
GMA =
280
µΩ
-1
COMP
V
1.6M
Ω
Figure 11. Simplified Control Loop Equivalent Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com