Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC196 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC196
Description  1.5A Synchronous Buck Converter with Integrated Power Devices
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC196 Datasheet(HTML) 5 Page - Semtech Corporation

  SC196 Datasheet HTML 1Page - Semtech Corporation SC196 Datasheet HTML 2Page - Semtech Corporation SC196 Datasheet HTML 3Page - Semtech Corporation SC196 Datasheet HTML 4Page - Semtech Corporation SC196 Datasheet HTML 5Page - Semtech Corporation SC196 Datasheet HTML 6Page - Semtech Corporation SC196 Datasheet HTML 7Page - Semtech Corporation SC196 Datasheet HTML 8Page - Semtech Corporation SC196 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Pin Descriptions
Pin #
Pin Name
Pin Function
1
PVIN
Input supply voltage connection to switching FETs — connect the input capacitor between this
pin and PGND directly.
2
VIN
Input supply voltage for control circuits
3
SYNC/PWM
Oscillator synchronization input. Tie to V
IN for forced PWM mode or GND to allow the part to
enter PSAVE mode at light loads. Apply an external clock signal for frequency synchronization.
4
EN
Enable digital input; a high input enables the SC196, a low disables and reduces quiescent cur-
rent to less than 1μA. In shutdown, LX becomes high impedance.
5
VOUT
Regulated output voltage sense pin — connect to the output capacitor allowing sensing of the
output voltage.
6
ADJ
Output Voltage Adjust and feedback compensation pin - connect resistor divider between this
pin and GND to set the desired output voltage level.
7
MODE
MODE select pin — MODE = V
IN to select 100% duty cycle function, MODE = GND to disable
this function.
8
GND
Ground
9
PGND
Power Ground
10
LX
Inductor connection to the switching FETs
T
THERMAL
PAD
Pad for heatsinking purposes — not connected internally. Connects to ground plane using
multiple vias.
5
© 2007 Semtech Corp.
www.semtech.com
SC196
PRELIMINARY
POWER MANAGEMENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com