Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC196 Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC196
Description  1.5A Synchronous Buck Converter with Integrated Power Devices
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC196 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC196 Datasheet HTML 8Page - Semtech Corporation SC196 Datasheet HTML 9Page - Semtech Corporation SC196 Datasheet HTML 10Page - Semtech Corporation SC196 Datasheet HTML 11Page - Semtech Corporation SC196 Datasheet HTML 12Page - Semtech Corporation SC196 Datasheet HTML 13Page - Semtech Corporation SC196 Datasheet HTML 14Page - Semtech Corporation SC196 Datasheet HTML 15Page - Semtech Corporation SC196 Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Efficiency vs. Load Current V
OUT = 1.0V
Efficiency vs. Load Current V
OUT = 2.5V
Efficiency vs. Load Current V
OUT = 1.8V
Efficiency vs. Load Current V
OUT = 3.3V
PWM to PSAVE Hysteresis
Efficiency vs. Input Voltage
Typical Characteristics
0
10
20
30
40
50
60
70
80
90
100
0.0001
0.001
0.01
0.1
1
10
IOUT(A)
VIN=3.9V PSAVE
VIN=4.2V PSAVE
VIN=5.0V PSAVE
VIN=3.2V PWM
VIN=4.2V PWM
VIN=5.0V PWM
0
10
20
30
40
50
60
70
80
90
100
0.0001
0.001
0.01
0.1
1
10
IOUT(A)
VIN=3.3V PSAVE
VIN=4.2V PSAVE
VIN=5.0V PSAVE
VIN=3.3V PWM
VIN=4.2V PWM
VIN=5.0V PWM
60
65
70
75
80
85
90
95
100
2.4
2.8
3.2
3.6
4.0
4.4
4.8
5.2
5.6
VIN(V)
VOUT=1.0V PSAVE
VOUT=3.3V PSAVE
VOUT=3.3V PWM
VOUT=1.0V PWM
0
10
20
30
40
50
60
70
80
90
100
0.0001
0.001
0.01
0.1
1
10
IOUT(A)
VIN=2.7V PSAVE
VIN=3.6V PSAVE
VIN=4.2V PSAVE
VIN=2.7V PWM
VIN=3.6V PWM
VIN=4.2V PWM
0
10
20
30
40
50
60
70
80
90
100
0.0001
0.001
0.01
0.1
1
10
IOUT(A)
VIN=4.2V PSAVE
VIN=3.6V PSAVE
VIN=2.7V PSAVE
VIN=2.7V PWM
VIN=3.6V PWM
VIN=4.2V PWM
1.795
1.8
1.805
1.81
1.815
1.82
0
0.1
0.2
0.3
0.4
0.5
0.6
IOUT(A)
PSAVE Exit
IOUT Increasing
VIN=3.6V, VOUT=1.8V
PSAVE Entry
IOUT Decreasing
R
FB1+RFB2=10KΩ
R
FB1+RFB2=10KΩ
R
FB1+RFB2=10KΩ
I
OUT=750mA (PWM) / 50mA (PSAVE), RFB1+RFB2=10KΩ
R
FB1+RFB2=10KΩ
12
© 2007 Semtech Corp.
www.semtech.com
SC196
PRELIMINARY
POWER MANAGEMENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com