Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC196 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC196
Description  1.5A Synchronous Buck Converter with Integrated Power Devices
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC196 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC196 Datasheet HTML 5Page - Semtech Corporation SC196 Datasheet HTML 6Page - Semtech Corporation SC196 Datasheet HTML 7Page - Semtech Corporation SC196 Datasheet HTML 8Page - Semtech Corporation SC196 Datasheet HTML 9Page - Semtech Corporation SC196 Datasheet HTML 10Page - Semtech Corporation SC196 Datasheet HTML 11Page - Semtech Corporation SC196 Datasheet HTML 12Page - Semtech Corporation SC196 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
the PMOS is switched on continuously, the output voltage
tracks the input voltage minus the voltage drop across
the PMOS power device and inductor according to the
following relationship:
V
OUT = VIN - IOUT x (RDSP + RIND)
where
V
OUT = Output voltage
V
IN = Input voltage
I
OUT = Output current
R
DSP = PMOS switch ON resistance
R
IND = Series resistance of the inductor
Inductor Selection
TheSC196isdesignedforusewitha4.7μHinductor.Where
V
OUT > 3.8V is required, a 10μH inductor is recommended.
The magnitude of the inductor current ripple depends on
the inductor value and can be determined by the following
equation:
IN
OUT
osc
OUT
L
V
V
1
f
L
V
I
This equation demonstrates the relationship between
input voltage, output voltage, and inductor ripple current.
The inductor should have a low DCR to minimize the
conduction losses and maximize efficiency. As a minimum
requirement, the DC current rating of the inductor
should be equal to the maximum load current plus half
of the inductor current ripple as shown by the following
equation:
2
I
I
I
L
L(PK)
UT(MAX)
O
Final inductor selection will depend on various design con-
siderations such as efficiency, EMI, size and cost. Table 2
lists the manufacturers of practical inductor options.
C
IN Selection
The source input current to a buck converter is non-
continuous. To prevent large input voltage ripple, a low
ESR ceramic capacitor is required. A minimum value of
10μF should be used for input voltage filtering, while a
22μF capacitor is recommended for improved input
voltage filtering.
Table 1 — Recommended Inductors
Manufacturer/Part #
Value
(μH)
DCR
(Ω)
Rated
Current
(A)
Tolerance
(%)
Dimensions
LxWxH
(mm)
BI Technologies
HM66404R1
4.1
0.057
1.95
20
5.7 × 5.7 ×2.0
Coilcraft
D01608C-472ML
4.7
0.09
1.5
20
6.6 × 4.5 × 3.0
TDK
VLCF4020T- 4R7N1R2
4.7
0.098
1.24
30
4.0 × 4.0 × 2.0
Taiyo Yuden
LMNP04SB4R7N
4.7
0.050
1.2
30
5.0 × 5.0 × 2.0
TOKO
D52LC
4.7
0.087
1.14
20
5.0 × 5.0 × 2.0
Sumida
CDRH3D16
4.7
0.050
1.2
30
3.8 × 3.8 × 1.8
Coilcraft
LPS3015
4.7
0.2
1.1
20
3.0 × 3.0 × 1.5
C
OUT Selection
The internal compensation is designed to work with a
certain output filter corner frequency defined by the
equation:
OUT
C
C
L
2
1
f
This filter has a single pole and is designed to operate with
a minimum output capacitor value of 10μF. Larger output
capacitor values will improve transient performance.
If PSAVE operation is required, the minimum capacitor
value is 22μF.
Output voltage ripple is a combination of the voltage
ripple from the inductor current charging and discharging
the output capacitor and the voltage created from the
inductor current ripple through the output capacitor ESR.
Selecting an output capacitor with a low ESR will reduce
the output voltage ripple component, as can be seen in
the following equation:
ΔV
OUT(ESR) = ΔIL(RIPPLE) x ESRCOUNT
Capacitors with X7R or X5R ceramic dielectric are strongly
recommended for their low ESR and superior temperature
Note: recommended Inductors do not necessarily guarantee rated perfor-
mance of the part.
Applications Information (Cont.)
9
© 2007 Semtech Corp.
www.semtech.com
SC196
PRELIMINARY
POWER MANAGEMENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com