Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC196 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC196
Description  1.5A Synchronous Buck Converter with Integrated Power Devices
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC196 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC196 Datasheet HTML 6Page - Semtech Corporation SC196 Datasheet HTML 7Page - Semtech Corporation SC196 Datasheet HTML 8Page - Semtech Corporation SC196 Datasheet HTML 9Page - Semtech Corporation SC196 Datasheet HTML 10Page - Semtech Corporation SC196 Datasheet HTML 11Page - Semtech Corporation SC196 Datasheet HTML 12Page - Semtech Corporation SC196 Datasheet HTML 13Page - Semtech Corporation SC196 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
and voltage characteristics. Y5V capacitors should not
be used as their temperature coefficients make them
unsuitable for this application. Attention should be paid to
the DC voltage characteristics of the ceramic capacitors
to be used for both input and output. Parts with different
case sizes can vary significantly. For example a 22μF
X5R 0805 capacitor with 3.6V DC applied could have a
capacitance as low as 12μF. When a 1206 size part is
used, the capacitance is approximately 20μF. Table 3 lists
the manufacturers of recommended capacitor options.
Table 3 — Recommended Capacitors
Manufacturer/Part #
Value
(μF)
Rated
Voltage
(VDC)
Temperature
Characteristic
Case Size
Murata
GRM21BR60J226ME39L
22
6.3
X5R
0805
Murata
GRM422X5R226
K16H533
22
16
X5R
1210
Murata
GRM188R60J106
MKE19
10
6.3
X5R
0603
TDK
C2012X5R0J106K
10
6.3
X5R
0603
Note: Where PSAVE operation is required, 22μF must be used for C
OUT.
Feed-Forward Compensation Capacitor
A small 10pf compensation capacitor, C
FB1 is required
to ensure correct operation. This capacitor should
be connected directly across feedback resistor R
FB1.
Capacitors with X7R or X5R ceramic dielectric are
strongly recommended for their superior temperature
characteristics.
Applications Information (Cont.)
10
© 2007 Semtech Corp.
www.semtech.com
SC196
PRELIMINARY
POWER MANAGEMENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com