Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC196 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC196
Description  1.5A Synchronous Buck Converter with Integrated Power Devices
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC196 Datasheet(HTML) 1 Page - Semtech Corporation

  SC196 Datasheet HTML 1Page - Semtech Corporation SC196 Datasheet HTML 2Page - Semtech Corporation SC196 Datasheet HTML 3Page - Semtech Corporation SC196 Datasheet HTML 4Page - Semtech Corporation SC196 Datasheet HTML 5Page - Semtech Corporation SC196 Datasheet HTML 6Page - Semtech Corporation SC196 Datasheet HTML 7Page - Semtech Corporation SC196 Datasheet HTML 8Page - Semtech Corporation SC196 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
February 8, 2007
The SC196 is a synchronous step-down converter with
integrated power devices designed for use in applications
using a single-cell Li-ion battery. Its wide input voltage
range also makes it suitable for use in systems with fixed
3.3V or 5V supply rails available. The switching frequency is
nominally set to 1MHz, allowing the use of small inductors
and capacitors. The current rating of the internal MOSFET
switches allows a DC output current of 1.5A.
The output voltage is set by connecting a resistor divider
from the filter inductor to the feedback pin. See the
SC196A for pin-programmable output voltages.
The SC196 has a flexible clocking methodology that
allows it to be synchronized to an external oscillator or
controlled by the internal oscillator. The device operates
in either forced PWM mode or in PSAVE mode. If PSAVE
mode is enabled, the part will automatically enter PFM at
light loads to maintain maximum efficiency across the full
load range.
For noise sensitive applications, PSAVE mode can be
disabled by synchronizing to an external oscillator or
pulling the SYNC/PWM pin high. Shutdown turns off all
the control circuitry to achieve a typical shutdown current
of 0.1μA.
Cell phones
Wireless communication chipset power
Personal media players
Microprocessor/DSP core/IO power
PDAs and handheld computers
WLAN peripherals
USB powered modems
1 Li-Ion or 3 NiMH/NiCd powered devices
Up to 95% efficiency
V
OUT adjustable from less than 0.8V to VIN
Output current — 1.5A
Input range — 2.5V to 5.5V
Quiescent current — 17μA
Fixed 1MHz frequency or 750kHz to 1.25MHz
synchronized operation
PSAVE operation to maximize efficiency at light loads
Shutdown current <1μA
Fast transient response
100% duty cycle in dropout
Soft-start
Over-temperature and short-circuit protection
Lead-free package — MLPD10-UT, 3 x 3 x 0.6 mm
COUT
22μF
L1
4.7μH
VIN
2.5V to 5.5V
VOUT
<0.8V to VIN
1.5A
CIN
10μF
VIN
EN
SYNC/PWM
PGND
GND
MODE
ADJ
SC196
LX
RFB1
RFB2
VOUT
PVIN
CFB1
10pF
1
www.semtech.com
SC196
1.5A Synchronous Buck Converter
with Integrated Power Devices
POWER MANAGEMENT
Features
Applications
Typical Application Circuit
Description


Similar Part No. - SC196

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
SC1968 MITSUBISHI-SC1968 Datasheet
129Kb / 3P
NPN EPITAXIAL PLANAR TYPE
logo
Semtech Corporation
SC196A SEMTECH-SC196A Datasheet
558Kb / 17P
1.5A Synchronous Buck Converter with Integrated Power Devices
SC196A SEMTECH-SC196A Datasheet
421Kb / 17P
1.5A Synchronous Buck Converter with Integrated Power Devices
SC196AEVB SEMTECH-SC196AEVB Datasheet
558Kb / 17P
1.5A Synchronous Buck Converter with Integrated Power Devices
SC196AEVB SEMTECH-SC196AEVB Datasheet
421Kb / 17P
1.5A Synchronous Buck Converter with Integrated Power Devices
More results

Similar Description - SC196

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC194A SEMTECH-SC194A Datasheet
777Kb / 17P
1A Synchronous Buck Converter with Integrated Power Devices
SC196A SEMTECH-SC196A Datasheet
558Kb / 17P
1.5A Synchronous Buck Converter with Integrated Power Devices
SC192 SEMTECH-SC192 Datasheet
261Kb / 15P
Synchronous Buck Converter with Integrated Power Devices
SC196A SEMTECH-SC196A_08 Datasheet
421Kb / 17P
1.5A Synchronous Buck Converter with Integrated Power Devices
logo
Intersil Corporation
ISL8009AEVAL1Z INTERSIL-ISL8009AEVAL1Z Datasheet
220Kb / 5P
1.5A Synchronous Buck Regulator with Integrated MOSFETs
October 9, 2008
logo
Rohm
BD8964FVM ROHM-BD8964FVM_15 Datasheet
795Kb / 25P
Synchronous Buck Converter with Integrated FET
BD9141MUV ROHM-BD9141MUV_15 Datasheet
958Kb / 26P
Synchronous Buck Converter with Integrated FET
logo
ACE Technology Co., LTD...
ACE7215C ACE-ACE7215C Datasheet
1,013Kb / 10P
1.5A 1.5MHz Synchronous Buck Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8027 BELLING-BL8027 Datasheet
722Kb / 5P
1.5A 1.5MHz Synchronous Buck Converter
logo
Major-Power Technology ...
MA5001 MPOWER-MA5001 Datasheet
544Kb / 12P
1.5A 1.5MHz Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com