Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC196 Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC196
Description  1.5A Synchronous Buck Converter with Integrated Power Devices
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC196 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC196 Datasheet HTML 9Page - Semtech Corporation SC196 Datasheet HTML 10Page - Semtech Corporation SC196 Datasheet HTML 11Page - Semtech Corporation SC196 Datasheet HTML 12Page - Semtech Corporation SC196 Datasheet HTML 13Page - Semtech Corporation SC196 Datasheet HTML 14Page - Semtech Corporation SC196 Datasheet HTML 15Page - Semtech Corporation SC196 Datasheet HTML 16Page - Semtech Corporation SC196 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Load Regulation
V
OUT vs. Temperature VOUT=1.8V
Current Limit
Quiescent Current vs. Input Voltage, PSAVE Mode
Quiescent Current vs. Input Voltage, PWM Mode
V
OUT vs. VIN
Typical Characteristics (Cont.)
1.76
1.77
1.78
1.79
1.8
1.81
1.82
2.4
2.8
3.2
3.6
4
4.4
4.8
5.2
5.6
6
VIN(V)
VOUT=1.8V, IOUT=750mA(PWM)/50mA(PSAVE)
PSAVE
PWM
1.785
1.79
1.795
1.8
1.805
1.81
1.815
1.82
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
IOUT(A)
VIN=3.6V, VOUT=1.8V
PSAVE
PWM
1.778
1.78
1.782
1.784
1.786
1.788
1.79
1.792
1.794
1.796
1.798
-60
-40
-20
0
20
40
60
80
100
TA(°C)
VIN=3.6V, VOUT=1.8V, IOUT=100mA
PSAVE
PWM
12
13
14
15
16
17
18
19
20
21
22
2.5
3
3.5
4
4.5
5
5.5
6
VIN(V)
PSAVE Mode
TA=85°C
TA=25°C
TA=-40°C
3
3.5
4
4.5
5
5.5
6
2.53
3.54
4.55
5.56
VIN(V)
PWM Mode
TA=85°C
TA=25°C
TA=-40°C
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
IOUT(A)
VIN=3.6V, VOUT=1.8V, PWM
13
© 2007 Semtech Corp.
www.semtech.com
SC196
PRELIMINARY
POWER MANAGEMENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com