Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC196 Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC196
Description  1.5A Synchronous Buck Converter with Integrated Power Devices
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC196 Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC196 Datasheet HTML 10Page - Semtech Corporation SC196 Datasheet HTML 11Page - Semtech Corporation SC196 Datasheet HTML 12Page - Semtech Corporation SC196 Datasheet HTML 13Page - Semtech Corporation SC196 Datasheet HTML 14Page - Semtech Corporation SC196 Datasheet HTML 15Page - Semtech Corporation SC196 Datasheet HTML 16Page - Semtech Corporation SC196 Datasheet HTML 17Page - Semtech Corporation SC196 Datasheet HTML 18Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
PWM Start-up
Load Transient Response-1
Load Transient Response-3
Typical Characteristics (Cont.)
PSAVE Start-up
Load Transient Response-4
Load Transient Response-2
Time (100μs/div)
V
EN (5V/div)
V
OUT (1V/div)
I
IN (100mA/div)
V
IN=3.6V, VOUT=1.8V, IOUT=10mA, PSAVE
Time (1ms/div)
V
EN (5V/div)
V
OUT (1V/div)
I
IN (500mA/div)
V
IN=3.6V, VOUT=1.8V, IOUT=1.5A, PWM
Time (400μs/div)
V
OUT (200mV/div)
I
OUT (500mA/div)
V
IN=3.6V, VOUT=1.8V, IOUT=10mA to 1.5A, PWM
Time (400μs/div)
V
OUT (200mV/div)
I
OUT (500mA/div)
V
IN=3.6V, VOUT=1.8V, IOUT=100mA to 1.5A, PWM
Time (400μs/div)
V
OUT (200mV/div)
I
OUT (500mA/div)
V
IN=3.6V, VOUT=1.8V, IOUT=10mA to 1.5A, PSAVE
Time (400μs/div)
V
OUT (200mV/div)
I
OUT (500mA/div)
V
IN=3.6V, VOUT=1.8V, IOUT=100mA to 1.5A, PSAVE
15
© 2007 Semtech Corp.
www.semtech.com
SC196
PRELIMINARY
POWER MANAGEMENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com