Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC196 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC196
Description  1.5A Synchronous Buck Converter with Integrated Power Devices
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC196 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC196 Datasheet HTML 3Page - Semtech Corporation SC196 Datasheet HTML 4Page - Semtech Corporation SC196 Datasheet HTML 5Page - Semtech Corporation SC196 Datasheet HTML 6Page - Semtech Corporation SC196 Datasheet HTML 7Page - Semtech Corporation SC196 Datasheet HTML 8Page - Semtech Corporation SC196 Datasheet HTML 9Page - Semtech Corporation SC196 Datasheet HTML 10Page - Semtech Corporation SC196 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
SC196 Detailed Description
The SC196 is a synchronous step-down Pulse Width
Modulated (PWM), DC-DC converter utilizing a 1MHz
fixed-frequency current mode architecture. The device
is designed to operate in a fixed-frequency PWM mode
across the full load range and can enter Power Save Mode
(PSAVE), utilizing Pulse Frequency Modulation (PFM) at
light loads to maximize efficiency.
Operation
During normal operation, the PMOS MOSFET is activated
on each rising edge of the internal oscillator. Current
feedback for the switching regulator uses the PMOS
current path, and it is amplified and summed with
the internal slope compensation network. The voltage
feedback loop uses an external feedback divider. The on-
time is determined by comparing the summed current
feedback and the output of the error amplifier. The period
is set by the onboard oscillator or by an external clock
attached to the SYNC/PWM pin.
The SC196 has an internal synchronous NMOS rectifier
and does not require a Schottky diode on the LX pin.
Output Voltage Selection
The output voltage can be programmed using a resistor
network connected from VOUT to ADJ to GND. The
combined resistance of the divider chain should be
greater than 10KΩ and less than 1MΩ. Table 1 lists
appropriate resistors which limit the bias current required
of the external feedback resistor chain and ensuring good
noise immunity.
The output voltage can be adjusted between less than
0.8V and V
IN. The output voltage formula is:
1
R
R
5
.
0
V
2
FB
1
FB
OUT
V
OUT = output voltage (V)
R
FB1 = feedback resistor from VOUT to ADJ (Ω)
R
FB2 = feedback resistor from ADJ to GND (Ω)
Resistors with 1% or better tolerance are recommended
to ensure voltage accuracy.
Table 1 — Recommended ADJ Resistor Combinations
V
OUT(V)
R
FB2(kΩ)RFB1(kΩ)
1
200
200
1.1
200
240
1.2
200
280
1.3
200
320
1.5
178
357
1.6
200
442
1.7
178
432
1.8
178
464
1.875
178
487
2.5
200
806
2.8
178
820
3
178
887
3.3
100
560
3.6
100
620
3.8
100
665
Continuous Conduction & Oscillator Synchronization
The SC196 is designed to operate in continuous
conduction, fixed-frequency mode. When the SYNC/PWM
pin is tied high the part runs in PWM mode using the
internal oscillator. The part can be synchronized to an
external clock by driving a clock signal into the SYNC/
PWM pin. The part synchronizes to the rising edge of the
clock.
Protection Features
The SC196 provides the following protection features:
• Thermal Shutdown
• Current Limit
• Over-Voltage Protection
• Soft-Start
Thermal Shutdown
The device has a thermal shutdown feature to protect the
SC196 if the junction temperature exceeds 145°C. In
thermal shutdown, the on-chip power devices are disabled,
effectively tri-stating the LX output. Switching will resume
when the temperature drops by 10°C. During this time,
Applications Information
7
© 2007 Semtech Corp.
www.semtech.com
SC196
PRELIMINARY
POWER MANAGEMENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com