Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC198AEVB Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC198AEVB
Description  Dual DC-DC Buck Converter with High Current Capability
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC198AEVB Datasheet(HTML) 4 Page - Semtech Corporation

  SC198AEVB Datasheet HTML 1Page - Semtech Corporation SC198AEVB Datasheet HTML 2Page - Semtech Corporation SC198AEVB Datasheet HTML 3Page - Semtech Corporation SC198AEVB Datasheet HTML 4Page - Semtech Corporation SC198AEVB Datasheet HTML 5Page - Semtech Corporation SC198AEVB Datasheet HTML 6Page - Semtech Corporation SC198AEVB Datasheet HTML 7Page - Semtech Corporation SC198AEVB Datasheet HTML 8Page - Semtech Corporation SC198AEVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SC198A
4
Electrical Characteristics (continued)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
N-Channel On Resistance
R
DSN
I
LXA
, I
LXB
= 100mA
0.25
Ω
Start-Up Time
t
START
5
ms
Oscillator Frequency
f
OSC
0.95
1.1
1.25
MHz
SYNC Frequency (upper)
f
SYNCU
1.25
MHz
SYNC Frequency (lower)
f
SYNCL
0.75
MHz
Thermal Shutdown
T
HI
145
°C
Thermal Shutdown
Hysteresis
T
HYSR
10
°C
UVLO Threshold
V
UVL
Decreasing V
IN
2.4
2.5
2.6
V
UVLO Hysteresis
V
UVLHYS
50
mV
Logic Input High(2)
V
IH
1.6
V
Logic Input Low(2)
V
IL
0.6
V
Notes:
(1)
See Output Voltage Options table in the Application Information section.
(2)
For ENA, ENB, SYNC, CTLA0, CTLA1, CTLA2, CTLB0, CTLB1, CTLB2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com