Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC198AEVB Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC198AEVB
Description  Dual DC-DC Buck Converter with High Current Capability
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC198AEVB Datasheet(HTML) 2 Page - Semtech Corporation

  SC198AEVB Datasheet HTML 1Page - Semtech Corporation SC198AEVB Datasheet HTML 2Page - Semtech Corporation SC198AEVB Datasheet HTML 3Page - Semtech Corporation SC198AEVB Datasheet HTML 4Page - Semtech Corporation SC198AEVB Datasheet HTML 5Page - Semtech Corporation SC198AEVB Datasheet HTML 6Page - Semtech Corporation SC198AEVB Datasheet HTML 7Page - Semtech Corporation SC198AEVB Datasheet HTML 8Page - Semtech Corporation SC198AEVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
SC198A
2
Pin Configuration
Marking Information
Ordering Information
Device
Package
SC198AMLTRT(1) (2)
MLPQ-20
SC198AEVB
Evaluation Board
Notes:
(1)
Available in tape and reel only. A reel contains 3,000 devices.
(2)
Lead-free package only. Device is WEEE and RoHS compliant.
TOP VIEW
1
2
3
4
12
11
10
9
16
15
14
13
5
678
17
18
19
20
T
VINA
LXA
GNDA
VOUTA
CTLA0
VINB
LXB
GNDB
VOUTB
CTLB0
198A
yyww
xxxxx
xxxxx
MLPQ: 4mm x 4mm 20 Lead
θ
JA = 31°C/W
yyww = Date Code
xxxx = Semtech Lot No.
xxxx = Semtech Lot No.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com